Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA310 Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC24FJ64GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA310 Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC24FJ64GA310 Datasheet HTML 56Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 57Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 58Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 59Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 60Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 61Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 62Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 63Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 406 page
background image
LCDDATA24
05C0
S15C6
S14C6
S13C6
S12C6
S11C6
S10C6
S09C6
S08C6
S07C6
S06C6
S05C6
S04C6
S03C6
S02C6
S01C6
S00C6
0000
LCDDATA25
05C2
S31C6
S30C6
S29C6
S28C6
S27C6
S26C6
S25C6
S24C6
S23C6
S22C6
S21C6
S20C6
S19C6
S18C6
S17C6
S16C6
0000
LCDDATA26
05C4
S47C6
S46C6(1) S45C6(1) S44C6(1) S43C6(1) S42C6(1) S41C6(1) S40C6(1) S39C6(1) S38C6(1) S37C6(1) S36C6(1) S35C6(1) S34C6(1) S33C6(1) S32C6(1)
0000
LCDDATA27
05C6
S63C6(2) S62C6(2) S61C6(2) S60C6(2) S59C6(2) S58C6(2) S57C6(2) S56C6(2) S55C6(2) S54C6(2) S53C6(2) S52C6(2) S51C6(2) S50C6(1) S49C6(2)
S48C6
0000
LCDDATA28
05C8
S15C7
S14C7
S13C7
S12C7
S11C7
S10C7
S09C7
S08C7
S07C7
S06C7
S05C7
S04C7
S03C7
S02C7
S01C7
S00C7
0000
LCDDATA29
05CA
S31C7
S30C7
S29C7
S28C7
S27C7
S26C7
S25C7
S24C7
S23C7
S22C7
S21C7
S20C7
S19C7
S18C7
S17C7
S16C7
0000
LCDDATA30
05CC
S47C7
S46C7(1) S45C7(1) S44C7(1) S43C7(1) S42C7(1) S41C7(1) S40C7(1) S39C7(1) S38C7(1) S37C7(1) S36C7(1) S35C7(1) S34C7(1) S33C7(1) S32C7(1)
0000
LCDDATA31
05CE
S63C7(2) S62C7(2) S61C7(2) S60C7(2) S59C7(2) S58C7(2) S57C7(2) S56C7(2) S55C7(2) S54C7(2) S53C7(2) S52C7(2) S51C7(2) S50C7(1) S49C7(2)
S48C7
0000
TABLE 4-24:
LCD REGISTER MAP (CONTINUED)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are unimplemented in 64-pin devices, read as ‘0’.
2:
These bits are unimplemented in 64-pin and 80-pin devices, devices, read as ‘0’.
TABLE 4-25:
PARALLEL MASTER/SLAVE PORT REGISTER MAP
File Name Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMCON1
0600
PMPEN
—
PSIDL
ADRMUX1 ADRMUX0
—
MODE1
MODE0
CSF1
CSF0
ALP
ALMODE
—
BUSKEEP
IRQM1
IRQM0
0000
PMCON2
0602
BUSY
—
ERROR
TIMEOUT
—
—
—
—
RADDR23 RADDR22 RADDR21 RADDR20 RADDR19 RADDR18 RADDR17 RADDR16
0000
PMCON3
0604
PTWREN
PTRDEN PTBE1EN PTBE0EN
—
AWAITM1 AWAITM0
AWAITE
—
PTEN22
PTEN21
PTEN20
PTEN19
PTEN18
PTEN17
PTEN16
0000
PMCON4
0606
PTEN15
PTEN14
PTEN13
PTEN12
PTEN11
PTEN10
PTEN9
PTEN8
PTEN7
PTEN6
PTEN5
PTEN4
PTEN3
PTEN2
PTEN1
PTEN0
0000
PMCS1CF
0608
CSDIS
CSP
CSPTEN
BEP
—
WRSP
RDSP
SM
ACKP
PTSZ1
PTSZ0
—
—
—
—
—
0000
PMCS1BS
060A
BASE23
BASE22
BASE21
BASE20
BASE19
BASE18
BASE17
BASE16
BASE15
—
—
—
BASE11
—
—
—
0200
PMCS1MD 060C
ACKM1
ACKM0
AMWAIT2 AMWAIT1 AMWAIT0
—
—
—
DWAITB1 DWAITB0 DWAITM3 DWAITM2 DWAITM1 DWAITM0 DWAITE1 DWAITE0
0000
PMCS2CF
060E
CSDIS
CSP
CSPTEN
BEP
—
WRSP
RDSP
SM
ACKP
PTSZ1
PTSZ0
—
—
—
—
—
0000
PMCS2BS
0610
BASE23
BASE22
BASE21
BASE20
BASE19
BASE18
BASE17
BASE16
BASE15
—
—
—
BASE11
—
—
—
0600
PMCS2MD 0612
ACKM1
ACKM0
AMWAIT2 AMWAIT1 AMWAIT0
—
—
—
DWAITB1 DWAITB0 DWAITM3 DWAITM2 DWAITM1 DWAITM0 DWAITE1 DWAITE0
0000
PMDOUT1
0614
Data Out Register 1<15:8>
Data Out Register 1<7:0>
xxxx
PMDOUT2
0616
Data Out Register 2<15:8>
Data Out Register 2<7:0>
xxxx
PMDIN1
0618
Data In Register 1<15:8>
Data In Register 1<7:0>
xxxx
PMDIN2
061A
Data In Register 2<15:8>
Data In Register 2<7:0>
xxxx
PMSTAT
061C
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
008F
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com