Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3100 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 10Page - Texas Instruments TNETX3100 Datasheet HTML 11Page - Texas Instruments TNETX3100 Datasheet HTML 12Page - Texas Instruments TNETX3100 Datasheet HTML 13Page - Texas Instruments TNETX3100 Datasheet HTML 14Page - Texas Instruments TNETX3100 Datasheet HTML 15Page - Texas Instruments TNETX3100 Datasheet HTML 16Page - Texas Instruments TNETX3100 Datasheet HTML 17Page - Texas Instruments TNETX3100 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
TNETX3100
ThunderSWITCH10-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
flow control
The TNETX3100 incorporates a collision-based flow-control mechanism; this mechanism is activated by setting
the FLOW bit (bit 5) in the RAM size register to a 1. Flow control affects only the ports that are in half duplex.
The TNETX3100 detects that it is becoming congested by monitoring the size of the free-buffer queue. When
there are fewer than 256 buffers on the free queue, the TNETX3100 prevents frames from entering the device
by forcing a collision with all frames on all ports (except any frames that the TNETX3100 is transmitting). When
the flow control is active, the FLOW LED is illuminated.
When the TNETX3100 has transmitted some of the backlog from the DRAM, and the free-buffer queue
increases to 256 or more, forced collisions cease, and frames can again enter the device.
This simplified approach maximizes the use of the DRAM for the mix of port activity. The 256-buffer threshold
ensures that all ports can receive and complete a maximum-length frame when there are 256 free buffers.
The purpose of flow control is to reduce the risk of data loss if a long burst of activity causes the TNETX3100
to backlog frames until the DRAM is full. Flow control has no mechanism to allow the TNETX3100 to operate
on a sustained basis when the activity level exceeds the device internal bandwidth. Transmit queue length
limiting is disabled if FLOW = 1.
giant (long) frames
The TNETX3100 can handle frames up to 1531 bytes to support IEEE Std 802.10. All frames longer than 1535
bytes are truncated by the TNETX3100. Frames greater than 1535 bytes received in cut-through mode are
passed. Frames greater than 1535 bytes received in store-and-forward mode are discarded and not
transmitted. The LONG option bit governs how the statistics for long frames are recorded. The byte count for
long frames with good CRCs is recorded in the RX + TX-frames 1024–1518 statistic, which effectively becomes
RX + TX-frames 1024–1531 when LONG is set. Long frames received with bad CRCs are recorded as jabbers.
short frames
All frames less than 64 bytes received into any port are filtered by the TNETX3100 within the RX FIFOs. They
do not appear on the DRAM bus.
RX filtering of no-cut-through frames
The TNETX3100 filters RX frames that are in error (CRC, alignment, jabber, etc.) when operating in the
store-and-forward mode. A frame that might be cut-through can be non-cut-through if its destination is busy.
If it contains any error, it is filtered. The error is recorded in the relevant statistic counter, with all used buffers
being recovered and returned to the free queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com