Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3100 Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 2 Page - Texas Instruments

  TNETX3100 Datasheet HTML 1Page - Texas Instruments TNETX3100 Datasheet HTML 2Page - Texas Instruments TNETX3100 Datasheet HTML 3Page - Texas Instruments TNETX3100 Datasheet HTML 4Page - Texas Instruments TNETX3100 Datasheet HTML 5Page - Texas Instruments TNETX3100 Datasheet HTML 6Page - Texas Instruments TNETX3100 Datasheet HTML 7Page - Texas Instruments TNETX3100 Datasheet HTML 8Page - Texas Instruments TNETX3100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
TNETX3100
ThunderSWITCH10-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TNETX3100 provides two 100-Mbit/s interfaces and eight 10-Mbit/s interfaces. Half-duplex ports support
collision-based flow control; the purpose of the flow control is to reduce the risk of data loss for a long burst of
activity. With full-duplex capability, ports 02–09 can support 20-Mbit/s connections and ports 00–01 can support
200-Mbit/s connections to desktops or high-speed servers. The uplink (port 00) also can interface to an external
routing engine. Besides the ten full-duplex ports, the TNETX3100 has three modes for making forwarding
decisions.
The desktop switch internally supports multiple MAC addresses per port (32 total addresses). If more than 32
addresses are required, an external address match (EAM) interface is supplied to support multiple addresses
per port. If an external routing engine is used, the uplink port supports frame tagging. The frame tagging provides
source port information to an external routing engine. For more flexibility, the TNETX3100 can support VLAN
for workgroup and segment-switching applications.
VLAN support is provided in two ways: 1) In the internal address mode, internal VLAN registers are used to
configure the destination ports for broadcast/multicast packets. 2) The EAM interface provides a hardware
mechanism to control broadcast/multicast packets based on the code provided on that interface. See
EAM
interface and VLAN support for more details.
Statistics for the Etherstat and remote monitoring (RMON) management information base are independently
collected for each of the ten ports. Access to the statistics counters is provided via the data input/output (DIO)
interface. The DIO interface is intended only for configuration and monitoring operations.
The TNETX3100 utilizes an extremely low-cost 60-ns memory solution extended data out (EDO) DRAM. The
packet memory has been implemented to effectively support both single-access operation and
page-burst-access operation. All DRAM buffer transfers are made within a page boundary, permitting fast-burst
accesses. A high-memory bandwidth is maintained, allowing all ports to be active without bottlenecking at the
memory buffer.
The TNETX3100 is fabricated with 3.3-V technology. The inputs are 5-V tolerant and the 3.3-V outputs can
directly interface to 5-V TTL-logic levels. This provides a broad choice of interfacing-device options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com