Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3100 Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 4Page - Texas Instruments TNETX3100 Datasheet HTML 5Page - Texas Instruments TNETX3100 Datasheet HTML 6Page - Texas Instruments TNETX3100 Datasheet HTML 7Page - Texas Instruments TNETX3100 Datasheet HTML 8Page - Texas Instruments TNETX3100 Datasheet HTML 9Page - Texas Instruments TNETX3100 Datasheet HTML 10Page - Texas Instruments TNETX3100 Datasheet HTML 11Page - Texas Instruments TNETX3100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
TNETX3100
ThunderSWITCH10-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (ports 00–01) (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
M00TXD0
156
M01TXD0
178
M00TXD1
157
Transmit data Nibble transmit data is from the TNETX3100 When MXXTXEN is asserted these
M01TXD1
179
O
Transmit data. Nibble transmit data is from the TNETX3100. When MXXTXEN is asserted, these
terminals carry transmit data. Data on these terminals is always synchronous to MXXTCLK. If
M00TXD2
158
O
yy
y
MWIDTH bit in the port control register and M00SPEED terminal are set low, then data is transmitted
on M00TXD0 and M01TXD0
M01TXD2
180
on M00TXD0 and M01TXD0.
M00TXD3
159
M01TXD3
181
M00TXEN
160
O
Transmit enable. High = valid transmit data on MXXTXD and low = no valid transmit data on
M01TXEN
182
O
g
MXXTXD.
M00TXER
161
O
Transmit error. MXXTXER allows coding errors to propagate across the MII. This enables external
logic to reconstruct and resend the frame MXXTXER is asserted during an underrunning frame
M01TXER
183
O
logic to reconstruct and resend the frame. MXXTXER is asserted during an underrunning frame,
enabling the TNETX3100 to force a coding error.
DRAM interface
TERMINAL
I/O
DESCRIPTION
NAME†
NO.
I/O
DESCRIPTION
DA00
52
DA01
53
DA02
55
DA03
56
O
DRAM address bus DA00 DA07 is time multiplexed with row and column address strobes
DA04
57
O
DRAM address bus. DA00–DA07 is time multiplexed with row and column address strobes.
DA05
58
DA06
59
DA07
60
DX00
61
DRAM
t
d d
dd
li
DX00 DX02
ti
lti l
d
ith
d
l
dd
DX01
62
O
DRAM extended address lines. DX00–DX02 are time multiplexed with row and column address
strobes.
DX02
64
strobes.
DCAS
121
O
DRAM column address select
DRAS
120
O
DRAM row address select
† DD00 is the least-significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com