| Electronic Components Datasheet Search |
|
TNETX3100 Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100 Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 LED functions in shift-register order NAME FUNCTION S1 Software LED 1. S1 is the first bit shifted out of the LEDDATA terminal and is controlled by the S1LED bit of the LED register. The function of this indicator is determined by the system designer. S2 Software LED 2. S2 is controlled by the S2LED bit of the LED register. The function of this indicator is determined by the system designer. S3 Software LED 3. S3 is controlled by the S3LED bit of the LED register. The function of this indicator is determined by the system designer. S4 Software LED 4. S4 is controlled by the S4LED bit of the LED register. The function of this indicator is determined by the system designer. FLOW Flow control. FLOW is on when the internal flow control is enabled and active. PORT00 Port 00 status. PORT00 indicates the status of port 00. PORT01 Port 01 status. PORT01 indicates the status of port 01. PORT02 Port 02 status. PORT02 indicates the status of port 02. PORT03 Port 03 status. PORT03 indicates the status of port 03. PORT04 Port 04 status. PORT04 indicates the status of port 04. PORT05 Port 05 status. PORT05 indicates the status of port 05. PORT06 Port 06 status. PORT06 indicates the status of port 06. PORT07 Port 07 status. PORT07 indicates the status of port 07. PORT08 Port 08 status. PORT08 indicates the status of port 08. PORT09 Port 09 status. PORT09 indicates the status of port 09. FAULT Fault. FAULT indicates that the CRC of the EEPROM was invalid; this is the last bit shifted out of the LEDDATA terminal. lamp test When TNETX3100 is in the reset state, LEDDATA line is driven low; this causes all LEDs to illuminate and serves as a lamp-test function. In this mode, LEDCLK and LEDSTR run at a higher frequency to shorten the time it takes to illuminate all of the LEDs. JTAG interface The TNETX3100 is fully JTAG compliant, with the exception of requiring external pullup resistors on the TDI, TMS, and TRST terminals. external pullup resistors To implement internal pullup resistors, TNETX3100 requires 5-V-nontolerant input pads. The use of 5-V tolerant pads is considered more important for mixed-voltage system boards than to integrate the required pullup resistors and be in strict compliance with the JTAG specification. supported JTAG instructions Mandatory: EXTEST, BYPASS and SAMPLE / PRELOAD Optional public: HIGHZ and IDCODE The opcodes for the various instructions (6-bit instruction register) are listed in Table 8. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |