| Electronic Components Datasheet Search |
|
TNETX3100 Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100 Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 53 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 glossary (continued) late collisions The number of times that a collision is detected on a particular interface later than 512-bit times into the transmission of a packet multicast RX frames The total number of good packets received that were directed to the multicast address. This does not include packets directed to the broadcast address. For the 100-Mbit/s ports, the counter records the sum of alignment errors and code errors (frame received with RX error signal). multicast TX frames The total number of packets transmitted that were directed to a multicast address. This number does not include packets directed to the broadcast address. See IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 7. multiple-collision TX frames A count of successfully transmitted frames on a particular interface for which transmission is inhibited by more than one collision net octets The total number of octets of data (including those in bad packets) received on the network (excluding framing bits but including FCS octets). This object can be used as a reasonable indication of Ethernet utilization. oversize RX frames The total number of packets received that were longer than 1518 octets (excluding framing bits, but including FCS octets) and were otherwise well formed. If the LONG bit in the system-control register is set, oversize RX frames are redefined as being longer than 1535 octets. RX align/code errors For the 10-Mbit/s ports, the counter records alignment errors. RX and TX frame 64 The total number of packets (including bad packets) received and transmitted that were 64 octets in length (excluding framing bits but including FCS octets) RX and TX frames 65–127 The total number of packets (including bad packets) received and transmitted that were between 65 and 127 octets in length inclusive (excluding framing bits but including FCS octets) RX and TX frames 128–255 The total number of packets (including bad packets) received and transmitted that were between 128 and 255 octets in length inclusive (excluding framing bits but including FCS octets) RX and TX frames 256–511 The total number of packets (including bad packets) received and transmitted that were between 256 and 511 octets in length inclusive (excluding framing bits but including FCS octets) RX and TX frames 512–1023 The total number of packets (including bad packets) received and transmitted that were between 512 and 1023 octets in length inclusive (excluding framing bits but including FCS octets) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |