| Electronic Components Datasheet Search |
|
TNETX3100 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 10-/100-Mbit/s MAC interface (ports 00–01) TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION M00COL 162 I Collision sense High network collision and low no network collision M01COL 184 I Collision sense. High = network collision and low = no network collision. M00CRS 164 I Carrier sense High frame carrier signal is received and low no frame carrier signal is received M01CRS 185 I Carrier sense. High = frame carrier signal is received and low = no frame carrier signal is received. M00DUPLEX 173 I/O Duplex selector. MXXDUPLEX switches the interface between full- and half-duplex operation (low half duplex high full duplex) The M00DUPLEX and M01DUPLEX inputs have active M01DUPLEX 194 I/O (low = half duplex, high = full duplex). The M00DUPLEX and M01DUPLEX inputs have active pulldown circuits used to force the inputs low when FORCEHD bit is set. M00LINK 176 I Link selector MXXLINK indicates the condition of the port connection ( low no link high link) M01LINK 197 I Link selector. MXXLINK indicates the condition of the port connection ( low = no link, high = link). M00RCLK 166 I Receive clock MXXRCLK source is from the external PHY M01RCLK 187 I Receive clock. MXXRCLK source is from the external PHY. M00RXDV 171 I Receive data valid MXXRXDV indicates data on MXXRXD3 MXXRXD0 is valid M01RXDV 192 I Receive data valid. MXXRXDV indicates data on MXXRXD3–MXXRXD0 is valid. M00RXER 172 I Receive error MXXRXER indicates reception of a coding error on received data M01RXER 193 I Receive error. MXXRXER indicates reception of a coding error on received data. M00RXD0 167 M01RXD0 188 M00RXD1 168 M01RXD1 189 I Receive data. Nibble receive data MXXRXD3–MXXRXD0 is from the physical media-dependent front end Data is synchronous to MXXRCLK If MWIDTH bit in the port control register and M00RXD2 169 I front end. Data is synchronous to MXXRCLK. If MWIDTH bit in the port control register and M00SPEED terminal are set low, then data is received on M00RXD0 and M01RXD0 terminals. M01RXD2 190 M00SPEED terminal are set low, then data is received on M00RXD0 and M01RXD0 terminals. M00RXD3 170 M01RXD3 191 M00SPEED 175 I Bit-rate selection speed. The speed of the MAC interface is determined by the logic level on M01SPEED 196 I yg MXXSPEED (low = 10 Mbit/s, high = 100 Mbit/s). M00TCLK 155 I Transmit clock Transmit clock source is from the external PHY M01TCLK 177 I Transmit clock. Transmit clock source is from the external PHY. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |