| Electronic Components Datasheet Search |
|
TNETX3100 Datasheet(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100 Datasheet(HTML) 51 Page - Texas Instruments |
|
51 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 51 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 tertiary test access The internal RAM access infers only that both DIO port and internal RAM structures are functioning correctly. It does not provide information on the TNETX3100 data paths (to and from the RAMS) during normal frame operations or an indication of the control-path functionality. To assist with this further, the proposed tests are as follows: • DRAM access — this test proves that the data path between FIFO and DRAM is functioning, along with certain sections of the queue manager and FIFO logic operations. • Frame forwarding — frame data is forwarded from one port to the next using a loopback mode. This builds on the previous tests, and ensures that the data path to and from the protocol handlers and control paths are operational. The number of ports that take part in forwarding is controlled using the VLAN registers, allowing any number of ports to be tested in this mode. Single connections can be tested, allowing individual protocol-handler data paths-to-FIFO connections to be tested or multiple-port testing that allows reduced system test time. external DRAM test access Using the incremental test approach (after the FIFO is tested and verified), the data path to and control of the external DRAM is verified. DRAM writes are carried out by first constructing a buffer in the FIFO (64 bytes), and then initiating a buffer write from the FIFO to the DRAM. The buffer is transferred like a normal buffer transfer in a 17-write DRAM burst. The forward-pointer field is mapped to the DRAM data register, and the flag data fields are mapped to the DRAM flag register. Reading from the DRAM performs a buffer transfer to the FIFO from which individual bytes can be read (and tested) through the DIO interface. The flag bytes and forward-pointer bytes are transferred from the DRAM to the DRAM data and DRAM flag registers for reading. The buffer transfer mechanism, when operated in DRAM test-access mode, does not check the flag status. No actions are performed, depending on the status of the flags. The transfer is a test data transfer, with no attempt made to comprehend flag contents. After completion of the DRAM testing, the TNETX3100 should be reset before normal switching activity is resumed. This ensures that the TNETX3100 is returned to a defined state before normal functionality is resumed. This mechanism is intended primarily for DRAM testing and is not a part of a breakpoint/debug mechanism. For more information refer, to the DRAM test-access operation register section in the TNETX3100 register descriptions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |