| Electronic Components Datasheet Search |
|
TNETX3100 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 uplink RX posttagging to support an external routing engine (continued) M00RXD3– M00RXD0 M00RCLK M00RXDV Tag0 Tag1 Tag2 DA, SA, Data, CRC, Ethernet Frame 3-Nibble Tag Field Appended to the End of the Ethernet Frame Reception Figure 4. Data Format for Uplink RX Frames uplink frame RX routing via posttagging The tag fields are coded as shown in Figure 5: tag 0 BIT 3 BIT 2 BIT 1 BIT 0 Destination Port 04 10 Mbit/s Destination Port 03 10 Mbit/s Destination Port 02 10 Mbit/s Destination Port 01 10/100 Mbit/s tag 1 BIT 3 BIT 2 BIT 1 BIT 0 Destination Port 08 10 Mbit/s Destination Port 07 10 Mbit/s Destination Port 06 10 Mbit/s Destination Port 05 10 Mbit/s tag 2 BIT 3 BIT 2 BIT 1 BIT 0 Reserved Reserved Reserved Destination Port 09 10 Mbit/s Figure 5. Tag Field Coding If only one bit is set in the destination-port field, the packet is a unicast. With tag 0 = 0000, tag 1 = 0100, and tag 2 = 0000, the packet is unicast and destined for port 06. If more than one bit is set, the packet is VLAN multicast. With tag 0 = 1010, and tag 1 = 1001, and tag 2 = 0001, the packet is transmitted from ports 02, 04, 05, 08, and 09. This allows broadcast and multicast traffic to be limited in supporting external VLANs. If all bits are clear in the tags, the packet is invalid and is discarded. 100-Mbit/s MAC interfaces (port 01) This port is identical to the uplink port (port 00) except that it does not support posttagging. The port provides the pretag prior to TXEN going active. The tag is ignored by externally connected PHYs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |