Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3100 Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 9Page - Texas Instruments TNETX3100 Datasheet HTML 10Page - Texas Instruments TNETX3100 Datasheet HTML 11Page - Texas Instruments TNETX3100 Datasheet HTML 12Page - Texas Instruments TNETX3100 Datasheet HTML 13Page - Texas Instruments TNETX3100 Datasheet HTML 14Page - Texas Instruments TNETX3100 Datasheet HTML 15Page - Texas Instruments TNETX3100 Datasheet HTML 16Page - Texas Instruments TNETX3100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
TNETX3100
ThunderSWITCH10-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10-Mbit/s and 10-/100-Mbit/s MAC interfaces (ports 00–09)
The following section illustrates the similarities between the 10-Mbit/s and 10-/100-Mbit/s MAC interfaces. All
network data flows through either the 10-Mbit/s interface or 10-/100-Mbit/s interface.
data reception
receive arbitration
Receive arbitration raises the priority of received frames over pending transmit. Active transmissions are given
highest priority. This makes it less likely that frames will be lost during heavy traffic load. For correct TNETX3100
operation, the RXARB bit (bit 5) must be set in the SIO register.
receive control
Receiver control is partitioned into two blocks:
1.
The frame control block schedules all receive operations, i.e., detection and removal of the preamble,
extraction of the addresses and frame length, data handling, and cyclic redundancy check (CRC) checking.
Also included is a jabber-detection timer to detect frames being received on the network that exceed the
maximum allowable length.
2.
The FIFO control block places the received data in the FIFO buffers while also detecting and flagging
erroneous data conditions in the flag byte.
TNETX3100 MXXDUPLEX terminals
The MXXDUPLEX terminals are implemented as inputs with active pulldown circuitry, producing a
pseudo-bidirectional terminal.
An external PHY can weakly drive the DUPLEX line high, indicating an intention for duplex operation. The
TNETX3100 can override this DUPLEX terminal input by pulling the line low. This is detected by the PHY, which
monitors the sense of the DUPLEX signal, causing it to operate in half-duplex mode. Thus, the TNETX3100 can
force the PHY into half-duplex operation when desired (during testing, for example). See Figure 1.
PHY
Resistor
Duplex Signal
Weakly Driven
Duplex Signal
Sense Feedback
TNETX3100
Duplex
GND
Active
Pulldown
Input
MXXDUPLEX
Forced
Half-Duplex (HD)
Signal
Figure 1. MXXDUPLEX Signal Connection
If the PHY is driven only in half-duplex operation, a pulldown resistor should be permanently attached to the
DUPLEX signal. If the PHY is operated in full duplex (with the option of the TNETX3100 forcing half duplex),
a pullup resistor should be placed on the DUPLEX signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com