Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3100 Datasheet(PDF) 72 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 68Page - Texas Instruments TNETX3100 Datasheet HTML 69Page - Texas Instruments TNETX3100 Datasheet HTML 70Page - Texas Instruments TNETX3100 Datasheet HTML 71Page - Texas Instruments TNETX3100 Datasheet HTML 72Page - Texas Instruments TNETX3100 Datasheet HTML 73Page - Texas Instruments TNETX3100 Datasheet HTML 74Page - Texas Instruments TNETX3100 Datasheet HTML 75Page - Texas Instruments TNETX3100 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
TNETX3100
ThunderSWITCH10-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
72
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Figure 23)
EEPROM interface
NO.
PARAMETER
MIN
MAX
UNIT
fclock (ECLK)
Clock frequency, ECLK
98
kHz
1
td (ECLKH–EDIOL)
Delay time, from ECLK
↑ to EDIO↓ (see Note 14)
5
µs
2
td (EDIOL–ECLKL)
Delay time, from EDIO
↓ to ECLK↓ (see Note 14)
5
µs
3
td (ECLKL–EDIOX)
Delay time, from ECLK
↓ to EDIO changing (see Note 15)
0
µs
4
td (EDIOV–ECLKH)
Delay time, from EDIO valid output to ECLK
0
µs
5
td (ECLKL–EDIOV)
Delay time, from ECLK
↓ to EDIO valid
0
µs
6
td (ECLKL–EDIOX)
Delay time, from ECLK
↓ to EDIO changing (see Note 16)
0
µs
7
td (ECLKH–EDIOX)
Delay time, from ECLK
↑ to EDIO invalid
5
µs
8
td (EDIOV–ECLKH)
Delay time, from EDIO valid input to ECLK
10
µs
NOTES: 14. This is a start-condition delay time during ECLK high.
15. This is a changing-data condition delay time for output EDIO.
16. This is a changing-data condition delay time for input EDIO.
7
ECLK
(output)
EDIO
(output)
EDIO
(input)
1
2
5
6
3
4
8
VALID
VALID
VALID
VALID
Figure 23. EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com