Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 1 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 1 Page - Linear Technology

  LTKB Datasheet HTML 1Page - Linear Technology LTKB Datasheet HTML 2Page - Linear Technology LTKB Datasheet HTML 3Page - Linear Technology LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1662
Ultralow Power, Dual
10-Bit DAC in MSOP
The LTC
®1662 is an ultralow power, fully buffered volt-
age output, dual 10-bit digital-to-analog converter (DAC).
Each DAC channel draws just 1.7
µA (typ) total supply-
plus-reference operating current, yet is capable of sup-
plying DC output currents in excess of 1mA and reliably
driving capacitive loads of up to 1000pF. A program-
mable Sleep mode further reduces total operating cur-
rent to 0.05
µA.
Linear Technology’s proprietary, inherently monotonic
architecture provides excellent linearity and an exception-
ally small external form factor. The double-buffered input
logic provides simultaneous update capability and can be
used to write to the DACs without interrupting Sleep mode.
With its tiny operating current and exceptionally small
size, the LTC1662 is ideal for use in the most power-
constrained products. For most designs, there is no
perceptible impact on the power budget; the LTC1662
draws many times less current than even a trimpot, while
providing buffered, low impedance (0.5
Ω typical,
VCC = 5V) rail-to-rail outputs.
The LTC1662 is pin and software compatible with the
LTC1661 dual, 60
µA 10-bit DAC. It is available in 8-pin
MSOP and PDIP packages and is specified over the
industrial temperature range.
s
Ultralow Power: 1.5
µA (Typ) ICC per DAC Plus
0.05
µA Sleep Mode for Extended Battery Life
s
Tiny: Two 10-Bit DACs in an 8-Lead MSOP—
Half the Size of an SO-8
s
Wide 2.7V to 5.5V Supply Range
s
Double Buffered for Simultaneous DAC Updates
s
Rail-to-Rail Voltage Outputs Drive 1000pF
s
Reference Range Includes Supply for Ratiometric
0V-to-VCC Output
s
Reference Input Impedance Is Code-Independent
(7.1M
Ω Typ)—Eliminates External Buffers
s
3-Wire Serial Interface with
Schmitt Trigger Inputs
s
Differential Nonlinearity:
±0.75LSB Max
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Mobile Communications
s
Portable Battery-Powered Instruments
s
Remote or Inaccessible Adjustments
s
Digitally Controlled Amplifiers and Attenuators
s
Factory or Field Calibration
CS/LD
1662 BD
1
4
10-BIT
DAC A
10-BIT
DAC B
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
SDI
REF
3
VOUT A
8
5
GND
7
VCC
VOUT B
6
SCK
2
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1662 G02
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 1023
5.5V
VCC = 2.7V
4.5V
3.6V
Total Supply-Plus-Reference
Operating Current


Similar Part No. - LTKB

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LTK WELLER-LTK Datasheet
80Kb / 4P
Soldering Tips
logo
Contrinex AG Industrial...
LTK-0507-301 CONTRINEX-LTK-0507-301 Datasheet
116Kb / 2P
Photoelektrische Sensoren
LTK-0507-301-501 CONTRINEX-LTK-0507-301-501 Datasheet
119Kb / 2P
Photoelektrische Sensoren
LTK-0507-301-502 CONTRINEX-LTK-0507-301-502 Datasheet
121Kb / 2P
Photoelektrische Sensoren
LTK-0507-303 CONTRINEX-LTK-0507-303 Datasheet
116Kb / 2P
Photoelektrische Sensoren
More results

Similar Description - LTKB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
Micropower Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662 Datasheet
185Kb / 12P
Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
12-Bit Rail-to-Rail Micropower DAC in MSOP Package
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
logo
Linear Technology
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
Micropower Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662_15 Datasheet
230Kb / 16P
Ultralow Power, Dual 10-Bit DAC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com