Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 10 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 10 Page - Linear Technology

Back Button LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology LTKB Datasheet HTML 10Page - Linear Technology LTKB Datasheet HTML 11Page - Linear Technology LTKB Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1662
Figure 2. Effects of Rail-to-Rail Operation On a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative
Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC
OPERATIO
TYPICAL APPLICATIO S
1662 F02
INPUT CODE
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
512
0
1023
INPUT CODE
OUTPUT
VOLTAGE
VREF = VCC
VREF = VCC
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
(2c)
(2a)
(2b)
+
–
LT1495
4
3.3V
3.3V
VOUT A
VOUT B
8
2
1
CS/LD
SDI
SCK
46
VCC
REF
3
2
1
8
5
GND
7
3
0.1
µF
R2
FINE
1.1M
LTC1662
U1
DAC A
DAC B
R1
COARSE
11k
3.3V
0.1
µF
0.1
µF
VOUT
2
0.1
µF
LTC1258-2.5
1
2.5V
4
R2
1.1M
R1
11k
1662 F04
VREF
+
•
VOUT =
CODE A
1024
CODE B
1024
R1
R2
()
2.5V
+
•
=
CODE A
1024
CODE B
1024
1
100
()
Micropower Trim Circuit with Coarse/Fine Adjustment. Total Supply Current Is 9.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com