Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 4 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 4 Page - Linear Technology

  LTKB Datasheet HTML 1Page - Linear Technology LTKB Datasheet HTML 2Page - Linear Technology LTKB Datasheet HTML 3Page - Linear Technology LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1662
TYPICAL PERFOR A CE CHARACTERISTICS
CODE
0
256
512
768
1023
1662 G05
4
3
2
1
0
–1
–2
–3
–4
CODE
0
256
512
768
1023
1662 G06
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
0.75
–0.75
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity and monotonicity are defined and tested at VCC = 5V,
VREF = 4.096V, from code 20 to code 1023. See Figure 2.
Note 3: Digital inputs at 0V or VCC.
Note 4: Load is 10k
Ω in parallel with 100pF.
Note 5: VCC = VREF = 5V. DAC switched between 0.1VFS and 0.9VFS; i.e.,
codes k = 102 and k = 922.
Note 6: Guaranteed by design, not subject to test.
Note 7: One DAC output loaded.
TI I G CHARACTERISTICS The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
t5
CS/LD Pulse Width
(Note 6)
q
150
30
ns
t6
LSB SCK High to CS/LD High
(Note 6)
q
50
3
ns
t7
CS/LD Low to SCK High
(Note 6)
q
30
– 14
ns
t9
SCK Low to CS/LD Low
(Note 6)
q
0– 5
ns
t11
CS/LD High to SCK Positive Edge
(Note 6)
q
30
0
ns
SCK Frequency
Square Wave (Note 6)
q
10
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1662 G01
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 1023
5.5V
4.5V
3.6V
VCC = 2.7V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1662 G02
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 1023
5.5V
VCC = 2.7V
4.5V
3.6V
FREQUENCY (Hz)
10
100
10
100
1k
10k
100k
1M
10M 100M
1662 G03
1
1000
VCC = 5V
VCC = 3V
CS/LD = LOGIC LOW
CODE = 0
LOGIC INPUT VOLTAGE (V)
0
1.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1662 G04
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 5V
ALL DIGITAL INPUTS
SHORTED TOGETHER
Supply Current vs Temperature
Total Supply-Plus-Reference
Operating Current
Supply Current vs Clock
Frequency
Supply Current vs Logic Input
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com