Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 12 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 12 Page - Linear Technology

Back Button LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology LTKB Datasheet HTML 10Page - Linear Technology LTKB Datasheet HTML 11Page - Linear Technology LTKB Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1662
PART NUMBER
DESCRIPTION
COMMENTS
LTC1661
Dual 10-Bit VOUT DAC in 8-Lead MSOP Package
VCC = 2.7V to 5.5V, 60µA per DAC, Rail-to-Rail Output
LTC1663
Single 10-Bit VOUT DAC with 2-Wire Interface in SOT-23 Package
VCC = 2.7V to 5.5V, Internal Reference, 60µA
LTC1664
Quad 10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, 60µA per DAC, Rail-to-Rail Output
LTC1665/LTC1660
Octal 8/10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, 60µA per DAC, Rail-to-Rail Output
LTC1446/LTC1446L
Dual 12-Bit VOUT DACs in SO-8 Package with Internal Reference
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1448
Dual 12-Bit VOUT DAC in SO-8 Package
VCC = 2.7V to 5.5V, External Reference Can Be Tied to VCC
LTC1454/LTC1454L
Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality
LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in 8-Lead MSOP Package
Low Power Multiplying VOUT DAC. Output Swings from
VCC: 2.7V to 5.5V
GND to REF. REF Input Can Be Tied to VCC
© LINEAR TECHNOLOGY CORPORATION 2000
1662f LT/LCG 1000 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
RELATED PARTS
Ultralow Power DAC Optimizes Mixer Performance
3.3V
VOUT A
VOUT B
1
CS/LD
SDI
SCK
4
6VCC
REF
3
2
8
5
GND
7
0.1
µF
560k
LTC1662
DAC A
DAC B
560k
I + Q
MIXER
IIP
Q
QQP
IIP
Q
LO
RF
QP
3.9k
0.1%
3.9k
0.1%
3.3V
2
0.1
µF
LTC1258-2.5
1
2.5V
4
1662 TA01
LO
3.9k
0.1%
3.9k
0.1%
3.9k
0.1%
3.9k
0.1%
3.9k, 0.1%
3.9k, 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com