Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 3 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 3 Page - Linear Technology

  LTKB Datasheet HTML 1Page - Linear Technology LTKB Datasheet HTML 2Page - Linear Technology LTKB Datasheet HTML 3Page - Linear Technology LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1662
The q denotes the specifications which apply over the full operating
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating
temperature range (TA = TMIN to TMAX), otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT Unloaded
unless otherwise noted.
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
q
2.7
5.5
V
ICC
Supply Current
VCC = 3V (Note 3)
3.0
4.0
µA
VCC = 5V (Note 3)
3.5
4.5
µA
VCC = 3V (Note 3)
q
5.0
µA
VCC = 5V (Note 3)
q
5.5
µA
Sleep Mode Operating Current Supply Plus Reference Current, VCC = VREF = 5V (Note 3)
0.05
0.10
µA
q
0.18
µA
DC Performance
Short-Circuit Current Low
VOUT = 0V, VCC = VREF = 5V, Code = 1023 (Note 7)
q
512
70
mA
Short-Circuit Current High
VOUT = VCC = VREF = 5V, Code = 0 (Note 7)
q
310
80
mA
AC Performance
Voltage Output Slew Rate
Rising (Notes 4, 5)
20
V/ms
Falling (Notes 4, 5)
7
V/ms
Voltage Output Settling Time
Rising 0.1VFS to 0.9VFS ±0.5LSB (Notes 4, 5)
0.40
ms
Falling 0.9VFS to 0.1VFS ±0.5LSB (Notes 4, 5)
0.75
ms
Capacitive Load Driving
1000
pF
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.7V to 5.5V
q
2.4
V
VCC = 2.7V to 3.6V
q
2.0
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
q
0.8
V
VCC = 2.7V to 5.5V
q
0.6
V
ILK
Digital Input Leakage
VIN = GND to VCC
q
±0.05
±1.0
µA
CIN
Digital Input Capacitance
1.5
pF
TI I G CHARACTERISTICS The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 4.5V to 5.5V
t1
SDI Setup
Relative to SCK Positive Edge
q
55
15
ns
t2
SDI Hold
Relative to SCK Positive Edge
q
0– 10
ns
t3
SCK High Time
(Note 6)
q
30
14
ns
t4
SCK Low Time
(Note 6)
q
30
14
ns
t5
CS/LD Pulse Width
(Note 6)
q
100
27
ns
t6
LSB SCK High to CS/LD High
(Note 6)
q
30
2
ns
t7
CS/LD Low to SCK High
(Note 6)
q
20
– 21
ns
t9
SCK Low to CS/LD Low
(Note 6)
q
0– 5
ns
t11
CS/LD High to SCK Positive Edge
(Note 6)
q
20
0
ns
SCK Frequency
Square Wave (Note 6)
q
16.7
MHz
VCC = 2.7V to 5.5V
t1
SDI Setup
Relative to SCK Positive Edge (Note 6)
q
75
20
ns
t2
SDI Hold
Relative to SCK Positive Edge (Note 6)
q
0– 10
ns
t3
SCK High Time
(Note 6)
q
50
15
ns
t4
SCK Low Time
(Note 6)
q
50
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com