Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 8 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 8 Page - Linear Technology

Back Button LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology LTKB Datasheet HTML 10Page - Linear Technology LTKB Datasheet HTML 11Page - Linear Technology LTKB Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1662
Transfer Function
The transfer function for the LTC1662 is:
V
k
V
OUT IDEAL
REF
() =


1024
where k is the decimal equivalent of the binary DAC input
code D9-D0 and VREF is the voltage at REF (Pin 4).
Power-On Reset
The LTC1662 actively clears the outputs to zero scale
when power is first applied, making system initialization
consistent and repeatable.
Power Supply Sequencing
The voltage at REF (Pin 4) should be kept within the range
–0.3V
≤ VREF ≤ VCC + 0.3V (see Absolute Maximum
Ratings). Particular care should be taken during power
supply turn-on and turn-off sequences, when the voltage
A3 A2 A1
Control Code
A0 D9 D8 D7 D6 D5 D4 D3 D2 D1
X1 X0
D0
Input Code
Input Word
Don’t
Care
Table 1. DAC Control Functions
CONTROL
INPUT REGISTER
DAC REGISTER
POWER-DOWN STATUS
A3
A2
A1
A0
STATUS
STATUS
(SLEEP/WAKE)
COMMENTS
0000
No Change
No Update
No Change
No Operation. Power-Down Status Unchanged
(Part Stays In Wake or Sleep Mode)
0001
Load DAC A
No Update
No Change
Load Input Register A with Data. DAC Outputs
Unchanged. Power-Down Status Unchanged
0010
Load DAC B
No Update
No Change
Load Input Register B with Data. DAC Outputs
Unchanged. Power-Down Status Unchanged
1000
No Change
Update Outputs
Wake
Load Both DAC Regs with Existing Contents of Input
Regs. Outputs Update. Part Wakes Up
1001
Load DAC A
Update Outputs
Wake
Load Input Reg A. Load DAC Regs with New Contents
of Input Reg A and Existing Contents of Reg B. Outputs
Update. Part Wakes Up
1010
Load DAC B
Update Outputs
Wake
Load Input Reg B. Load DAC Regs with Existing Contents
of Input Reg A and New Contents of Reg B. Outputs
Update. Part Wakes Up
1101
No Change
No Update
Wake
Part Wakes Up. Input and DAC Regs Unchanged. DAC
Outputs Reflect Existing Contents of DAC Regs
1110
No Change
No Update
Sleep
Part Goes to Sleep. Input and DAC Regs Unchanged. DAC
Outputs Set to High Impedance State
1111
Load DACs A, B
Update Outputs
Wake
Load Both Input Regs. Load Both DAC Regs with New
with Same
Contents of Input Regs. Outputs Update. Part Wakes Up
10-Bit Code
Note: All control codes other than those shown are undefined and not subject to test.
OPERATIO
at VCC (Pin 6) is in transition. If it is not possible to
sequence the supplies, clamp the voltage at REF by
connecting a Schottky diode between Pin 4 (anode) and
Pin 6 (cathode).
Serial Interface
See Table 2. The 16-bit Input word consists of the 4-bit
Control code, the 10-bit Input code and two don’t-care bits.
Table 2. LTC1662 Input Word
After the Input word is loaded into the register (see Figure 1),
it is internally converted from serial to parallel format. The
parallel 10-bit-wide Input code data path is then buffered
by two latch registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com