Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 5 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 5 Page - Linear Technology

  LTKB Datasheet HTML 1Page - Linear Technology LTKB Datasheet HTML 2Page - Linear Technology LTKB Datasheet HTML 3Page - Linear Technology LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1662
VREF (V)
0123456
1662 G07
4
3
2
1
0
–1
–2
–3
–4
VCC = 5.5V
MAX POS INL
MAX NEG INL
1662 G08
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
VCC = 5.5V
VREF (V)
0123456
MAX POS DNL
MAX NEG DNL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85
105
1662 G09
0
–1
–2
–3
–4
–5
VCC = 5V
VREF = 4.096V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85
105
1662 G10
0
–1
–2
–3
–4
–5
VCC = 5V
VREF = 4.096V
IOUT (mA)
–5 –4 –3 –2 –1
012345
1662 G11
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 5V
VOUT = 2.5V
CODE = 512
TA = 25°C
SOURCE
SINK
IOUT (mA)
–1 –0.8–0.6–0.4– 0.2 0
0.2 0.4 0.6 0.8
1
1662 G12
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 3V
VOUT = 1.5V
CODE = 512
TA = 25°C
SOURCE
SINK
OUTPUT SOURCE CURRENT (A)
1
µ
10
µ
100
µ
1m
10m
100m
1662 G13
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 512
TA = 25°C
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC = 3.6V
VCC = 3V
VCC = 2.7V
OUTPUT SINK CURRENT (A)
1
µ
10
µ
100
µ
1m
10m
100m
1662 G14
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 512
TA = 25°C
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC = 3.6V
VCC = 3V
VCC = 2.7V
OUTPUT SOURCE/SINK CURRENT (mA)
1662 G15
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VREF = VCC
TA = 25°C
CODE = 1023
CODE = 0
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity (INL) vs
Reference Voltage
Differential Nonlinearity (DNL) vs
Reference Voltage
Offset Voltage vs Temperature
Gain Error vs Temperature
Load Regulation vs Output
Current at 5V
Load Regulation vs Output
Current at 3V
Output Amplifier Current Sourcing
Capability (Midscale)
Output Amplifier Current Sinking
Capability (Midscale)
Max/Min Output Voltage vs Source/
Sink Output Current (VCC = 5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com