Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 6 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 6 Page - Linear Technology

Back Button LTKB Datasheet HTML 2Page - Linear Technology LTKB Datasheet HTML 3Page - Linear Technology LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology LTKB Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1662
OUTPUT SOURCE/SINK CURRENT (mA)
1662 G16
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
VREF = VCC
TA = 25°C
CODE = 1023
CODE = 0
TIME (0.5ms/DIV)
1662 G17
5
4
3
2
1
0
0
VREF = VCC = 5V
10% TO 90% STEP
CAPACITANCE (F)
100p 1000p 0.01
µ 0.1µ
1
µ
10
µ
100
µ
1662 G18
180
160
140
120
100
80
60
40
20
0
TYPICAL PERFOR A CE CHARACTERISTICS
Max/Min Output Voltage vs Source/
Sink Output Current (VCC = 3V)
Large-Signal Step Response
Output Minimum Series
Resistance vs Load Capacitance
CS/LD (Pin 1): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on SDI
into the register. When CS/LD is pulled high, SCK is
disabled and the operation(s) specified in the Control
code, A3-A0, is (are) performed. CMOS and TTL compat-
ible.
SCK (Pin 2): Serial Interface Clock Input. CMOS and TTL
compatible.
SDI (Pin 3): Serial Interface Data Input. Input word data on
the SDI pin is shifted into the 16-bit register on the rising
edge of SCK. CMOS and TTL compatible.
REF (Pin 4): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
VOUT A, VOUT B (Pins 8,5): DAC Analog Voltage Outputs.
The output range is
0
1023
1024
≤≤


VV
V
OUTA
OUTB
REF
,
VCC (Pin 6): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
GND (Pin 7): System Ground.
PI FU CTIO S
Gain Error (GE): The deviation from the slope of the ideal
DAC transfer function, expressed in LSBs at full scale.
Integral Nonlinearity (INL): The deviation from a straight
line passing through the endpoints of the DAC transfer
curve (Endpoint INL). Because the output cannot go below
zero, the linearity is measured between full scale and the
lowest code which guarantees the output will be greater
than zero. The INL error at a given input code is calculated
as follows:
INL = [VOUT – VOS – (VFS – VOS)(code/1023)]/LSB
Differential Nonlinearity (DNL): The difference between
the measured change and the ideal 1LSB change for any
two adjacent codes. The DNL error between any two codes
is calculated as follows:
DNL = (
∆VOUT – LSB)/LSB
where
∆VOUT is the measured voltage difference between
two adjacent codes.
Full-Scale Error (FSE): The deviation of the actual full-
scale voltage from ideal. FSE includes the effects of offset
and gain errors (see Figure 2).
DEFI ITIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com