Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTKB Datasheet(PDF) 9 Page - Linear Technology

Part # LTKB
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTKB Datasheet(HTML) 9 Page - Linear Technology

Back Button LTKB Datasheet HTML 4Page - Linear Technology LTKB Datasheet HTML 5Page - Linear Technology LTKB Datasheet HTML 6Page - Linear Technology LTKB Datasheet HTML 7Page - Linear Technology LTKB Datasheet HTML 8Page - Linear Technology LTKB Datasheet HTML 9Page - Linear Technology LTKB Datasheet HTML 10Page - Linear Technology LTKB Datasheet HTML 11Page - Linear Technology LTKB Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1662
Alternatively, one DAC may be loaded with a new input
code during Sleep; then with just one command, the other
DAC is loaded, the part is awakened and both outputs are
updated.
For example, control code 0001b is used to load DAC A
during Sleep. Then Control code 0101b loads DAC B,
wakes the part and simultaneously updates both DAC
outputs.
Voltage Outputs
Each of the rail-to-rail output amplifiers contained in the
LTC1662 can typically source or sink at least 1mA
(VCC = 5V). The outputs swing to within a few millivolts
of either supply when unloaded and have an equivalent
output resistance of 130
Ω (typical) when driving a load
to the rails. The output amplifiers are stable driving
capacitive loads of up to 1000pF.
A small resistor placed in series with the output can be
used to achieve stability for any load capacitance. Please
see the Output Minimum Resistance vs Load Capaci-
tance curve in the Typical Performance Characteristics
section.
Rail-to-Rail Output Considerations
In any rail-to-rail DAC, the output swing is limited to
voltages within the supply range.
If the DAC offset is negative, the output for the lowest
codes limits at 0V as shown in Figure 2b.
Similarly, limiting can occur near full scale when the REF
pin is tied to VCC. If VREF = VCC and the DAC full-scale error
(FSE = VOS + GE) is positive, the output for the highest
codes limits at VCC as shown in Figure 2c. No full-scale
limiting can occur if VREF is less than VCC – FSE.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
The first of these, the Input Register, is used for loading new
input codes. The second buffer, the DAC Register, is used
for updating the DAC outputs. Each DAC has its own 10-bit
Input Register and 10-bit DAC Register.
By selecting the appropriate 4-bit Control code (see Table 1)
it is possible to perform single operations, such as loading
one DAC or changing Power-Down status (Sleep/Wake).
In addition, some Control codes perform two or more
operations at the same time. For example, one such code
loads DAC A, updates both outputs and Wakes the part up.
The DACs can be loaded separately or together, but the
outputs are always updated together.
Register Loading Sequence
See Figure 1. With CS/LD held low, data on the SDI input
is shifted into the 16-bit Shift Register on the positive edge
of SCK. The 4-bit Control code, A3-A0, is loaded first, then
the 10-bit Input code, D9-D0, ordered MSB-to-LSB in each
case. Two don’t-care bits, X1 and X0, are loaded last.
When the full 16-bit Input word has been shifted in, CS/LD
is pulled high, causing the system to respond according to
Table 1. The clock is disabled internally when CS/LD is
high. Note: SCK must be low when CS/LD is pulled low.
Sleep Mode
DAC control code 1110b is reserved for the special Sleep
instruction (see Table 1). In this mode, static power
consumption is greatly reduced. The reference input and
analog outputs are set in a high impedance state and all
DAC settings are retained in memory so that when Sleep
mode is exited, the outputs of DACs not updated by the
Wake command are restored to their last active state.
Sleep mode is initiated by performing a load sequence
using control code 1110b (the DAC input code D9-D0 is
ignored).
To save instruction cycles, the DACs may be prepared with
new input codes during Sleep (control codes 0001b and
0010b); then, a single command (1000b) can be used both
to wake the part and to update the output values.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com