Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7091RBRMZ Datasheet (PDF) - Analog Devices

AD7091RBRMZ Datasheet PDF - Analog Devices
Part # AD7091RBRMZ
Download  AD7091RBRMZ Download

File Size   454.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP

AD7091RBRMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7091RBRMZ Datasheet PDF - Analog Devices

Part # AD7091RBRMZ
Download  AD7091RBRMZ Click to download

File Size   454.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP

AD7091RBRMZ Datasheet (HTML) - Analog Devices

Back Button AD7091RBRMZ Datasheet HTML 1Page - Analog Devices AD7091RBRMZ Datasheet HTML 2Page - Analog Devices AD7091RBRMZ Datasheet HTML 3Page - Analog Devices AD7091RBRMZ Datasheet HTML 4Page - Analog Devices AD7091RBRMZ Datasheet HTML 5Page - Analog Devices AD7091RBRMZ Datasheet HTML 6Page - Analog Devices AD7091RBRMZ Datasheet HTML 7Page - Analog Devices AD7091RBRMZ Datasheet HTML 8Page - Analog Devices AD7091RBRMZ Datasheet HTML 9Page - Analog Devices AD7091RBRMZ Datasheet HTML 10Page - Analog Devices Next Button 

AD7091RBRMZ Product details

GENERAL DESCRIPTION
The AD7091R is a 12-bit successive approximation analog-to-digital converter (ADC) that offers ultralow power consumption (typically 349 µA at 3 V and 1 MSPS) while achieving fast throughput rates (1 MSPS with a 50 MHz SCLK). Operating from a single 2.7 V to 5.25 V power supply, the part contains a wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 7 MHz. The AD7091R also features an on-chip conversion clock, accurate reference, and high speed serial interface.

FEATURES
   Fast throughput rate of 1 MSPS
   Specified for VDD of 2.7 V to 5.25 V
   Logic voltage VDRIVE of 1.65 V to 5.25 V
   INL of ±1 LSB maximum
   Analog input range of 0 V to VREF
   Ultralow power
      349 µA typical at 3 V and 1 MSPS
      264 nA typical at 3 V in power-down mode
   Internal 2.5 V reference, ±4.5 ppm/°C typical drift
   Wide input bandwidth
   Flexible power/throughput rate management
   High speed serial interface
      SPI®/QSPI™/MICROWIRE™/DSP compatible
   BUSY indicator
   Power-down mode
   10-lead, 3 mm × 2 mm LFCSP and 10-lead MSOP packages
   Temperature range of −40°C to +125°C
  
APPLICATIONS
   Battery-powered systems
      Handheld meters
      Medical instruments
      Mobile communications
   Instrumentation and control systems
   Data acquisition systems
   Optical sensors
   Diagnostic/monitoring functions
   Energy harvesting




Similar Part No. - AD7091RBRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ-RL7 AD-AD7091RBRMZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results


Similar Description - AD7091RBRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com