Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 174Page - Renesas Technology Corp R8C/29 Datasheet HTML 175Page - Renesas Technology Corp R8C/29 Datasheet HTML 176Page - Renesas Technology Corp R8C/29 Datasheet HTML 177Page - Renesas Technology Corp R8C/29 Datasheet HTML 178Page - Renesas Technology Corp R8C/29 Datasheet HTML 179Page - Renesas Technology Corp R8C/29 Datasheet HTML 180Page - Renesas Technology Corp R8C/29 Datasheet HTML 181Page - Renesas Technology Corp R8C/29 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 161 of 441
REJ09B0279-0210
Figure 14.19
Operating Example of Timer RB in Programmable Waveform Generation Mode
1
0
1
0
IR bit in TRBIC
register
1
0
Count source
Timer RB prescaler
underflow signal
Counter of timer RB
TRBO pin output
TOPL bit in TRBIO
register
Set to 1 by program
Set to 0 when interrupt
request is acknowledged,
or set by program.
The above applies under the following conditions.
TSTART bit in TRBCR
register
1
0
01h
00h
02h
Timer RB secondary reloads
Timer RB primary reloads
Set to 0 by program
TRBPRE = 01h, TRBPR = 01h, TRBSC = 02h
TRBIOC register TOCNT = 0 (timer RB waveform is output from the TRBO pin)
02h
01h
00h
01h
00h
Primary period
Primary period
Secondary period
Waveform
output starts
Waveform output inverted
Waveform output starts
Initial output is the same level
as during secondary period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com