Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 173Page - Renesas Technology Corp R8C/29 Datasheet HTML 174Page - Renesas Technology Corp R8C/29 Datasheet HTML 175Page - Renesas Technology Corp R8C/29 Datasheet HTML 176Page - Renesas Technology Corp R8C/29 Datasheet HTML 177Page - Renesas Technology Corp R8C/29 Datasheet HTML 178Page - Renesas Technology Corp R8C/29 Datasheet HTML 179Page - Renesas Technology Corp R8C/29 Datasheet HTML 180Page - Renesas Technology Corp R8C/29 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 160 of 441
REJ09B0279-0210
Figure 14.18
TRBIOC Register in Programmable Waveform Generation Mode
Timer RB I/O Control Register
Symbol
Address
After Reset
TRBIOC
010Ah
00h
Bit Symbol
Bit Name
Function
RW
b3 b2
INOSEG
b1 b0
INOSTG
b7 b6 b5 b4
RW
TOCNT
RW
00
TOPL
Timer RB output level select
bit
0 : Outputs “H” for primary period
Outputs “L” for secondary period
Outputs “L” w hen the timer is stopped
1 : Outputs “L” for primary period
Outputs “H” for secondary period
Outputs “H” w hen the timer is stopped
Timer RB output sw itch bit
0 : Outputs timer RB w aveform
1 : Outputs value in P1_3 port register
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
One-shot trigger polarity
select bit
—
(b7-b4)
—
Set to 0 in programmable w aveform generation
mode.
RW
RW
One-shot trigger control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com