Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 151Page - Renesas Technology Corp R8C/29 Datasheet HTML 152Page - Renesas Technology Corp R8C/29 Datasheet HTML 153Page - Renesas Technology Corp R8C/29 Datasheet HTML 154Page - Renesas Technology Corp R8C/29 Datasheet HTML 155Page - Renesas Technology Corp R8C/29 Datasheet HTML 156Page - Renesas Technology Corp R8C/29 Datasheet HTML 157Page - Renesas Technology Corp R8C/29 Datasheet HTML 158Page - Renesas Technology Corp R8C/29 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 138 of 441
REJ09B0279-0210
Figure 14.3
Registers TRAMR, TRAPRE, and TRA
Timer RA Mode Register
Symbol
Address
After Reset
TRAMR
0102h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. For J, K version, fC32 cannot be selected.
RW
—
TCK0
RW
When both the TSTART and TCSTF bits in the TRACR register are set to 0 (count stops), rew rite this register.
RW
Timer RA count source
cutoff bit(2)
0 : Provides count source
1 : Cuts off count source
TCK2
RW
TMOD1
RW
TMOD0
Timer RA operating mode
select bits(1)
b2 b1 b0
0 0 0 : Timer mode
0 0 1 : Pulse output mode
0 1 0 : Event counter mode
0 1 1 : Pulse w idth measurement mode
1 0 0 : Pulse period measurement mode
1 0 1 :
1 1 0 :
Do not set.
1 1 1 :
TMOD2
b7 b6 b5 b4
RW
Timer RA count source
select bits
b6 b5 b4
0 0 0 : f1
0 0 1 : f8
0 1 0 : fOCO
0 1 1 : f2
1 0 0 : fC32(2)
1 0 1 :
1 1 0 :
Do not set.
1 1 1 :
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RW
TCKCUT
TCK1
b3 b2
—
(b3)
b1 b0
Timer RA Prescaler Register
Symbol
Address
After Reset
TRAPRE
0103h
FFh(1)
Mode
Function
Setting Range
RW
NOTE:
1.
RW
Pulse w idth
measurement mode
b0
Timer mode
b7
Counts an external count source
Counts an internal count source
Pulse output mode
RW
00h to FFh
RW
00h to FFh
When the TSTOP bit in the TRACR register is set to 1, the TRAPRE register is set to FFh.
Event counter mode
00h to FFh
RW
Measure pulse w idth of input pulses from
external (counts internal count source)
00h to FFh
RW
Pulse period
measurement mode
Measure pulse period of input pulses from
external (counts internal count source)
00h to FFh
Timer RA Register
Symbol
Address
After Reset
TRA
0104h
FFh(1)
Mode
Function
Setting Range
RW
NOTE:
1.
00h to FFh
b7
When the TSTOP bit in the TRACR register is set to 1, the TRA register is set to FFh.
b0
All modes
Counts on underflow of timer RA prescaler
register
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com