Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 149Page - Renesas Technology Corp R8C/29 Datasheet HTML 150Page - Renesas Technology Corp R8C/29 Datasheet HTML 151Page - Renesas Technology Corp R8C/29 Datasheet HTML 152Page - Renesas Technology Corp R8C/29 Datasheet HTML 153Page - Renesas Technology Corp R8C/29 Datasheet HTML 154Page - Renesas Technology Corp R8C/29 Datasheet HTML 155Page - Renesas Technology Corp R8C/29 Datasheet HTML 156Page - Renesas Technology Corp R8C/29 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 136 of 441
REJ09B0279-0210
14.1
Timer RA
Timer RA is an 8-bit timer with an 8-bit prescaler.
The prescaler and timer each consist of a reload register and counter. The reload register and counter are allocated
at the same address, and can be accessed when accessing registers TRAPRE and TRA (refer to Tables 14.2 to 14.6
the Specifications of Each Mode).
The count source for timer RA is the operating clock that regulates the timing of timer operations such as counting
and reloading.
Figure 14.1 shows a Block Diagram of Timer RA. Figures 14.2 and 14.3 show the registers associated with timer
RA.
Timer RA has the following five operating modes:
• Timer mode:
The timer counts the internal count source.
• Pulse output mode:
The timer counts the internal count source and outputs pulses which
invert the polarity by underflow of the timer.
• Event counter mode:
The timer counts external pulses.
• Pulse width measurement mode:
The timer measures the pulse width of an external pulse.
• Pulse period measurement mode:
The timer measures the pulse period of an external pulse.
Figure 14.1
Block Diagram of Timer RA
= 000b
= 001b
= 011b
f2
f8
f1
= 010b
fOCO
TCK2 to TCK0 bit
TMOD2 to TMOD0
= other than 010b
Counter
Reload
register
TRAPRE register
(prescaler)
Data bus
Timer RA interrupt
Write to TRAMR register
Write 1 to TSTOP bit
TCSTF, TSTOP: Bits in TRACR register
TEDGSEL, TOPCR, TOENA, TIOSEL, TIPF1, TIPF0: Bits in TRAIOC register
TMOD2 to TMOD0, TCK2 to TCK0, TCKCUT: Bits in TRAMR register
Toggle
flip-flop
Q
Q
CLR
CK
TOENA bit
TRAO pin
INT1/TRAIO (P1_5) pin
TCSTF
bit
TCKCUT
bit
TMOD2 to TMOD0
= 011b or 100b
TMOD2 to TMOD0
= 010b
Polarity
switching
Digital
filter
Counter
Reload
register
TRA register
(timer)
TIPF1 to TIPF0 bits
= 01b
= 10b
f8
f1
= 11b
f32
TIOSEL = 0
TIOSEL = 1
Count control
circle
TMOD2 to TMOD0 = 001b
TOPCR bit
Underflow signal
Measurement completion
signal
TIPF1 to TIPF0 bits
= other than
000b
= 00b
INT1/TRAIO (P1_7) pin
TEDGSEL = 1
TEDGSEL = 0
= 100b
fC32(1)
NOTE:
1. For J, K version, fC32 cannot be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com