Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 431Page - Renesas Technology Corp R8C/29 Datasheet HTML 432Page - Renesas Technology Corp R8C/29 Datasheet HTML 433Page - Renesas Technology Corp R8C/29 Datasheet HTML 434Page - Renesas Technology Corp R8C/29 Datasheet HTML 435Page - Renesas Technology Corp R8C/29 Datasheet HTML 436Page - Renesas Technology Corp R8C/29 Datasheet HTML 437Page - Renesas Technology Corp R8C/29 Datasheet HTML 438Page - Renesas Technology Corp R8C/29 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 471 page
background image
R8C/28 Group, R8C/29 Group
21. Usage Notes
Rev.2.10
Sep 26, 2008
Page 418 of 441
REJ09B0279-0210
21.2.5
Changing Interrupt Control Register Contents
(a) The contents of an interrupt control register can only be changed while no interrupt requests
corresponding to that register are generated. If interrupt requests may be generated, disable interrupts
before changing the interrupt control register contents.
(b) When changing the contents of an interrupt control register after disabling interrupts, be careful to
choose appropriate instructions.
Changing any bit other than IR bit
If an interrupt request corresponding to a register is generated while executing the instruction, the IR bit
may not be set to 1 (interrupt requested), and the interrupt request may be ignored. If this causes a
problem, use the following instructions to change the register: AND, OR, BCLR, BSET
Changing IR bit
If the IR bit is set to 0 (interrupt not requested), it may not be set to 0 depending on the instruction used.
Therefore, use the MOV instruction to set the IR bit to 0.
(c) When disabling interrupts using the I flag, set the I flag as shown in the sample programs below. Refer
to (b) regarding changing the contents of interrupt control registers by the sample programs.
Sample programs 1 to 3 are for preventing the I flag from being set to 1 (interrupts enabled) before the interrupt
control register is changed for reasons of the internal bus or the instruction queue buffer.
Example 1:
Use NOP instructions to prevent I flag from being set to 1 before interrupt control register
is changed
INT_SWITCH1:
FCLR
I
; Disable interrupts
AND.B
#00H,0056H
; Set TRAIC register to 00h
NOP
;
NOP
FSET
I
; Enable interrupts
Example 2:
Use dummy read to delay FSET instruction
INT_SWITCH2:
FCLR
I
; Disable interrupts
AND.B
#00H,0056H
; Set TRAIC register to 00h
MOV.W MEM,R0
; Dummy read
FSET
I
; Enable interrupts
Example 3:
Use POPC instruction to change I flag
INT_SWITCH3:
PUSHC
FLG
FCLR
I
; Disable interrupts
AND.B
#00H,0056H
; Set TRAIC register to 00h
POPC
FLG
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com