Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 429Page - Renesas Technology Corp R8C/29 Datasheet HTML 430Page - Renesas Technology Corp R8C/29 Datasheet HTML 431Page - Renesas Technology Corp R8C/29 Datasheet HTML 432Page - Renesas Technology Corp R8C/29 Datasheet HTML 433Page - Renesas Technology Corp R8C/29 Datasheet HTML 434Page - Renesas Technology Corp R8C/29 Datasheet HTML 435Page - Renesas Technology Corp R8C/29 Datasheet HTML 436Page - Renesas Technology Corp R8C/29 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 471 page
background image
R8C/28 Group, R8C/29 Group
21. Usage Notes
Rev.2.10
Sep 26, 2008
Page 416 of 441
REJ09B0279-0210
21.2
Notes on Interrupts
21.2.1
Reading Address 00000h
Do not read address 00000h by a program. When a maskable interrupt request is acknowledged, the CPU reads
interrupt information (interrupt number and interrupt request level) from 00000h in the interrupt sequence. At
this time, the acknowledged interrupt IR bit is set to 0.
If address 00000h is read by a program, the IR bit for the interrupt which has the highest priority among the
enabled interrupts is set to 0. This may cause the interrupt to be canceled, or an unexpected interrupt to be
generated.
21.2.2
SP Setting
Set any value in the SP before an interrupt is acknowledged. The SP is set to 0000h after reset. Therefore, if an
interrupt is acknowledged before setting a value in the SP, the program may run out of control.
21.2.3
External Interrupt and Key Input Interrupt
Either “L” level or an “H” level of width shown in the Electrical Characteristics is necessary for the signal input
to pins INT0, INT1, INT3 and pins KI0 to KI3, regardless of the CPU clock.
For details, refer to Table 20.21 (VCC = 5V), Table 20.27 (VCC = 3V), Table 20.33 (VCC = 2.2V), Table
20.52 (VCC = 5V), Table 20.58 (VCC = 3V) External Interrupt INTi (i = 0, 1, 3) Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com