Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 347Page - Renesas Technology Corp R8C/29 Datasheet HTML 348Page - Renesas Technology Corp R8C/29 Datasheet HTML 349Page - Renesas Technology Corp R8C/29 Datasheet HTML 350Page - Renesas Technology Corp R8C/29 Datasheet HTML 351Page - Renesas Technology Corp R8C/29 Datasheet HTML 352Page - Renesas Technology Corp R8C/29 Datasheet HTML 353Page - Renesas Technology Corp R8C/29 Datasheet HTML 354Page - Renesas Technology Corp R8C/29 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 471 page
background image
R8C/28 Group, R8C/29 Group
18. A/D Converter
Rev.2.10
Sep 26, 2008
Page 334 of 441
REJ09B0279-0210
18.2
Repeat Mode
In repeat mode, the input voltage of one selected pin is A/D converted repeatedly.
Table 18.3 lists the Specifications of Repeat Mode. Figure 18.6 shows the ADCON0 Register in Repeat Mode and
Figure 18.7 shows the ADCON1 Register in Repeat Mode.
Figure 18.6
ADCON0 Register in Repeat Mode
Table 18.3
Specifications of Repeat Mode
Item
Specification
Function
The Input voltage of one pin selected by bits CH2 to CH0 is A/D converted
repeatedly
Start conditions
Set the ADST bit to 1 (A/D conversion starts)
Stop condition
Set the ADST bit to 0
Interrupt request
generation timing
Not generated
Input pin
Select one of AN8 to AN11
Reading of result of A/D
converter
Read AD register
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
When changing A/D operation mode, set the analog input pin again.
Set øAD frequency to 10 MHz or below .
CKS0
Frequency select bit 0
[When CKS1 in ADCON1 register = 0]
0 : Selects f4
1 : Selects f2
[When CKS1 in ADCON1 register = 1]
0 : Selects f1(4)
1 : Do not set.
RW
If the ADCON0 register is rew ritten during A/D conversion, the conversion result is undefined.
Bits CH0 to CH2 are enabled w hen the ADGSEL0 bit is set to 1. Write to bits CH0 to CH2 after setting the ADGSEL0 bit
to 1.
ADST
A/D conversion start flag
0 : Stops A/D conversion
1 : Starts A/D conversion
RW
—
(b5)
Reserved bit
Set to 0.
RW
1 : Repeat mode
RW
RW
ADGSEL0
RW
A/D input group select bit
0 : Disabled
1 : Enabled (AN8 to AN11)
CH1
RW
CH0
CH2
RW
Analog input pin select
bits(2)
b2 b1 b0
1 0 0 : AN8
1 0 1 : AN9
1 1 0 : AN10
1 1 1 : AN11
Other than above : Do not set.
MD
A/D operating mode select
bit(3)
b7 b6 b5 b4
01 1
b3 b2 b1 b0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com