Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 343Page - Renesas Technology Corp R8C/29 Datasheet HTML 344Page - Renesas Technology Corp R8C/29 Datasheet HTML 345Page - Renesas Technology Corp R8C/29 Datasheet HTML 346Page - Renesas Technology Corp R8C/29 Datasheet HTML 347Page - Renesas Technology Corp R8C/29 Datasheet HTML 348Page - Renesas Technology Corp R8C/29 Datasheet HTML 349Page - Renesas Technology Corp R8C/29 Datasheet HTML 350Page - Renesas Technology Corp R8C/29 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 471 page
background image
R8C/28 Group, R8C/29 Group
18. A/D Converter
Rev.2.10
Sep 26, 2008
Page 330 of 441
REJ09B0279-0210
Figure 18.2
ADCON0 Register
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4. Set øAD frequency to 10 MHz or below .
Bits CH0 to CH2 are enabled w hen the ADGSEL0 bit is set to 1. Write to bits CH0 to CH2 after setting the ADGSEL0 bit
to 1.
CKS0
Frequency select bit 0
[When CKS1 in ADCON1 register = 0]
0 : Selects f4
1 : Selects f2
[When CKS1 in ADCON1 register = 1]
0 : Selects f1(4)
1 : Selects fOCO-F
RW
If the ADCON0 register is rew ritten during A/D conversion, the conversion result is undefined.
When changing A/D operating mode, set the analog input pin again.
ADST
A/D conversion start flag
0 : Stops A/D conversion
1 : Starts A/D conversion
RW
—
(b5)
Reserved bit
Set to 0.
RW
0 : One-shot mode
1 : Repeat mode
RW
RW
ADGSEL0
RW
A/D input group select bit
0 : Disabled
1 : Enabled (AN8 to AN11)
CH1
RW
CH0
CH2
RW
Analog input pin select
bits(2)
b2 b1 b0
1 0 0 : AN8
1 0 1 : AN9
1 1 0 : AN10
1 1 1 : AN11
Other than above : Do not set.
MD
A/D operating mode select
bit(3)
b7 b6 b5 b4
0
b3 b2 b1 b0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com