Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 311Page - Renesas Technology Corp HD6417618A Datasheet HTML 312Page - Renesas Technology Corp HD6417618A Datasheet HTML 313Page - Renesas Technology Corp HD6417618A Datasheet HTML 314Page - Renesas Technology Corp HD6417618A Datasheet HTML 315Page - Renesas Technology Corp HD6417618A Datasheet HTML 316Page - Renesas Technology Corp HD6417618A Datasheet HTML 317Page - Renesas Technology Corp HD6417618A Datasheet HTML 318Page - Renesas Technology Corp HD6417618A Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 283 of 610
REJ09B0131-0600
12.3
Operation
The E-DMAC is connected to the EtherC, and performs efficient transfer of transmit/receive data
between the EtherC and memory (buffers) without the intervention of the CPU. The E-DMAC
itself reads control information, including buffer pointers called descriptors, relating to the buffers.
The E-DMAC reads transmit data from the transmit buffer and writes receive data to the receive
buffer in accordance with this control information. By setting up a number of consecutive
descriptors (a descriptor list), it is possible to execute transmission and reception continuously.
12.3.1
Descriptor List and Data Buffers
Before starting transmission/reception, the communication program creates transmit and receive
descriptor lists in memory. The start addresses of these lists are then set in the transmit and receive
descriptor list start address registers.
The descriptor start address must be aligned so that it matches the address boundary according to
the descriptor length set by the E-DMAC mode register (EDMR). The transmit buffer start address
can be aligned with a byte, a word, and a longword boundary.
(1)
Transmit Descriptor
Figure 12.2 shows the relationship between a transmit descriptor and the transmit buffer.
According to the specification in this descriptor, the relationship between the transmit frame and
transmit buffer can be defined as one frame/one buffer or one frame/multi-buffer.
Transmit descriptor
Transmit buffer
Valid transmit data
T
A
C
T
T
D
L
E
T
F
P
1
T
F
P
0
TFS26 to TFS0
TD0
TDL
TD1
TBA
Padding (4 bytes)
TD2
31 30 29 28 27 26
0
T
F
E
31
16
31
0
Figure 12.2 Relationship between Transmit Descriptor and Transmit Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com