Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 287Page - Renesas Technology Corp HD6417618A Datasheet HTML 288Page - Renesas Technology Corp HD6417618A Datasheet HTML 289Page - Renesas Technology Corp HD6417618A Datasheet HTML 290Page - Renesas Technology Corp HD6417618A Datasheet HTML 291Page - Renesas Technology Corp HD6417618A Datasheet HTML 292Page - Renesas Technology Corp HD6417618A Datasheet HTML 293Page - Renesas Technology Corp HD6417618A Datasheet HTML 294Page - Renesas Technology Corp HD6417618A Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
EDMAS20C_000020030900
Rev. 6.00 Jun. 12, 2007 Page 259 of 610
REJ09B0131-0600
Section 12 Ethernet Controller Direct Memory Access
Controller (E-DMAC)
This LSI includes a direct memory access controller (E-DMAC) directly connected to the Ethernet
controller (EtherC). A large proportion of buffer management is controlled by the E-DMAC itself
using descriptors. This lightens the load on the CPU and enables efficient data transfer control to
be achieved.
Figure 12.1 shows the configuration of the E-DMAC, and the descriptors and transmit/receive
buffers in memory.
12.1
Features
The E-DMAC has the following features:
• The load on the CPU is reduced by means of a descriptor management system
• Transmit/receive frame status information is indicated in descriptors
• Achieves efficient system bus utilization through the use of block transfer (16-byte units)
• Supports single-frame/multi-buffer operation
Transmit
FIFO
Receive
FIFO
Transmit
descriptor
Transmit
buffer
Receive
buffer
Receive
descriptor
External bus
interface
Internal bus
Internal
bus
interface
This LSI
External memory
EtherC
E-DMAC
Descriptor
information
Transmit
DMAC
Receive
DMAC
Descriptor
information
Figure 12.1 Configuration of E-DMAC, and Descriptors and Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com