Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 272Page - Renesas Technology Corp HD6417618A Datasheet HTML 273Page - Renesas Technology Corp HD6417618A Datasheet HTML 274Page - Renesas Technology Corp HD6417618A Datasheet HTML 275Page - Renesas Technology Corp HD6417618A Datasheet HTML 276Page - Renesas Technology Corp HD6417618A Datasheet HTML 277Page - Renesas Technology Corp HD6417618A Datasheet HTML 278Page - Renesas Technology Corp HD6417618A Datasheet HTML 279Page - Renesas Technology Corp HD6417618A Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 244 of 610
REJ09B0131-0600
11.3.16
Too-Long Frame Receive Counter Register (TLFRCR)
TLFRCR is a 32-bit counter that indicates the number of frames received with a length exceeding
the value specified by the receive frame length register (RFLR). When the value in this register
reaches H'FFFFFFFF, the count is halted. TLFRCR is not incremented when a frame containing
residual bits is received. In this case, the reception of the frame is indicated in the residual-bit
frame counter register (RFCR). The counter value is cleared to 0 by a write to this register with
any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 TLFC31 to
TLFC0
All 0
R/W
Too-Long Frame Receive Count
These bits indicate the count of frames received with
a length exceeding the value in RFLR.
11.3.17
Residual-Bit Frame Counter Register (RFCR)
RFCR is a 32-bit counter that indicates the number of frames received containing residual bits
(less than an 8-bit unit). When the value in this register reaches H'FFFFFFFF, the count is halted.
The counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 RFC31 to
RFC0
All 0
R/W
Residual-Bit Frame Count
These bits indicate the count of frames received
containing residual bits.
11.3.18
Multicast Address Frame Counter Register (MAFCR)
MAFCR is a 32-bit counter that indicates the number of frames received with a specified multicast
address. When the value in this register reaches H'FFFFFFFF, the count is halted. The counter
value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 MAFC31 to
MAFC0
All 0
R/W
Multicast Address Frame Count
These bits indicate the count of multicast frames
received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com