Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 246Page - Renesas Technology Corp HD6417618A Datasheet HTML 247Page - Renesas Technology Corp HD6417618A Datasheet HTML 248Page - Renesas Technology Corp HD6417618A Datasheet HTML 249Page - Renesas Technology Corp HD6417618A Datasheet HTML 250Page - Renesas Technology Corp HD6417618A Datasheet HTML 251Page - Renesas Technology Corp HD6417618A Datasheet HTML 252Page - Renesas Technology Corp HD6417618A Datasheet HTML 253Page - Renesas Technology Corp HD6417618A Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 646 page
background image
Section 10 Power-Down Modes
Rev. 6.00 Jun. 12, 2007 Page 218 of 610
REJ09B0131-0600
10.3.1
Standby Control Register (STBCR)
STBCR is an 8-bit readable/writable register that specifies the state of the power-down mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
STBY
0
R/W
Standby
Specifies transition to software standby mode.
0: Executing SLEEP instruction makes this LSI
sleep mode
1: Executing SLEEP instruction makes this LSI
software standby mode
6 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
MDCHG
0
R/W
MD2 to MD0 Pin Control
Specifies whether or not the values of pins MD2 to
MD0 are reflected in software standby mode. The
values of pins MD2 to MD0 are reflected at
returning from software standby mode by an
interrupt when the MDCHG bit has been set to 1.
0: The values of pins MD2 to MO0 are not reflected
in software standby mode.
1: The values of pins MD2 to MD0 are reflected in
software standby mode.
2 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com