Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 227Page - Renesas Technology Corp HD6417618A Datasheet HTML 228Page - Renesas Technology Corp HD6417618A Datasheet HTML 229Page - Renesas Technology Corp HD6417618A Datasheet HTML 230Page - Renesas Technology Corp HD6417618A Datasheet HTML 231Page - Renesas Technology Corp HD6417618A Datasheet HTML 232Page - Renesas Technology Corp HD6417618A Datasheet HTML 233Page - Renesas Technology Corp HD6417618A Datasheet HTML 234Page - Renesas Technology Corp HD6417618A Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 646 page
background image
Section 8 Clock Pulse Generator (CPG)
Rev. 6.00 Jun. 12, 2007 Page 199 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
12
CKOEN
1
R/W
Clock Output Enable
Specifies whether a clock continues to be output from
the CKIO pin or the output level of the CKIO signal is
fixed when leaving software standby mode. The CKIO
output is fixed low when this bit is set to 0. Therefore,
the malfunction of external circuits because of an
unstable CKIO clock when leaving software standby
mode can be prevented.
0: Output level of the CKIO signal is fixed low in
software standby mode.
1: Clock input to the EXTAL pin is output to the CKIO
pin during software standby mode in clock mode 1
or 5. However, the output level of the CKIO pin is
fixed low for two cycles of P
φ when changing from
the normal mode to the standby mode. This
prevents hazard which occurs when the source of
the CKIO signal is changed from the PLL2 output
to the EXTAL signal.
11
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
10
9
8
STC2
STC1
STC0
0
0
0
R/W
R/W
R/W
PLL Circuit 1 Frequency Multiplication Ratio
000:
×1
001:
×2
Other values: Setting prohibited
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com