Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 221Page - Renesas Technology Corp HD6417618A Datasheet HTML 222Page - Renesas Technology Corp HD6417618A Datasheet HTML 223Page - Renesas Technology Corp HD6417618A Datasheet HTML 224Page - Renesas Technology Corp HD6417618A Datasheet HTML 225Page - Renesas Technology Corp HD6417618A Datasheet HTML 226Page - Renesas Technology Corp HD6417618A Datasheet HTML 227Page - Renesas Technology Corp HD6417618A Datasheet HTML 228Page - Renesas Technology Corp HD6417618A Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 646 page
background image
Section 8 Clock Pulse Generator (CPG)
CPGS301C_000020030900
Rev. 6.00 Jun. 12, 2007 Page 193 of 610
REJ09B0131-0600
Section 8 Clock Pulse Generator (CPG)
This LSI has a clock pulse generator (CPG) that generates an internal clock (I
φ), a peripheral clock
(P
φ), a bus clock (Bφ) and a clock (Mφ) for an IEEE802.3-PHY (physical layer device),
hereinafter called PHY-LSI. The CPG consists of an oscillator, PLL circuits, and divider circuits.
8.1
Features
• Four clock modes
Selection of four clock modes depending on the frequency of a clock source and whether a
crystal resonator or external clock input is in use.
• Four clocks generated independently
An internal clock (I
φ) for the CPU and cache; a peripheral clock (Pφ) for the on-chip
peripheral modules; a bus clock (B
φ = CKIO) for the external bus interface; and a clock (Mφ)
for the PHY-LSI.
• Frequency change function
Frequencies of the internal clock, peripheral clock, and clock for the PHY-LSI can be changed
independently using the PLL circuit and divider circuit within the CPG. Frequencies are
changed by software using the frequency control register (FRQCR) and PHY-LSI clock
frequency control register (MCLKCR) settings.
• Power-down mode control
The clock can be stopped in sleep mode and software standby mode and specific modules can
be stopped using the module standby function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com