Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 206Page - Renesas Technology Corp HD6417618A Datasheet HTML 207Page - Renesas Technology Corp HD6417618A Datasheet HTML 208Page - Renesas Technology Corp HD6417618A Datasheet HTML 209Page - Renesas Technology Corp HD6417618A Datasheet HTML 210Page - Renesas Technology Corp HD6417618A Datasheet HTML 211Page - Renesas Technology Corp HD6417618A Datasheet HTML 212Page - Renesas Technology Corp HD6417618A Datasheet HTML 213Page - Renesas Technology Corp HD6417618A Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 178 of 610
REJ09B0131-0600
Table 7.17
Access Address for SDRAM Mode Register Write
• Burst read/single write (burst length 1)
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H'F8FD5440
H'0000440
3
H'F8FD5460
H'0000460
• Burst read/burst write (burst length 1)
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H'F8FD5040
H'0000040
3
H'F8FD5060
H'0000060
Mode register setting timing is shown in figure 7.25. The PALL command (all bank precharge
command) is issued first. The REF command (auto-refreshing command) is then issued eight
times. The MRS command (mode register write command) is finally issued. Idle cycles, of which
number is specified by bits WTRP1 and WTRP0 in CSnWCR, are inserted between the PALL and
the first REF commands. Idle cycles, of which number is specified by bits WTRC1 and WTRC0
in CSnWCR, are inserted between the REF and REF commands, and between the 8th REF and
MRS commands. In addition, one or more idle cycles are inserted between the MRS and the next
command.
It is necessary to keep idle time of certain cycles for SDRAM before issuing the PALL command
after turning the power on. Refer the manual of the SDRAM for the idle time to be needed. When
the pulse width of the reset signal is longer then the idle time, mode register setting can be started
immediately after the reset, but care should be taken when the pulse width of the reset signal is
shorter than the idle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com