Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 174Page - Renesas Technology Corp HD6417618A Datasheet HTML 175Page - Renesas Technology Corp HD6417618A Datasheet HTML 176Page - Renesas Technology Corp HD6417618A Datasheet HTML 177Page - Renesas Technology Corp HD6417618A Datasheet HTML 178Page - Renesas Technology Corp HD6417618A Datasheet HTML 179Page - Renesas Technology Corp HD6417618A Datasheet HTML 180Page - Renesas Technology Corp HD6417618A Datasheet HTML 181Page - Renesas Technology Corp HD6417618A Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 146 of 610
REJ09B0131-0600
7.5.2
Normal Space Interface
Basic Timing: For access to a normal space, this LSI uses strobe signal output in consideration of
the fact that mainly static RAM will be directly connected. When using SRAM with a
byte-selection pin, see section 7.5.6, Byte-Selection SRAM Interface. Figure 7.3 shows the basic
timings of normal space access. A no-wait normal access is completed in two cycles. The
BS
signal is asserted for one cycle to indicate the start of a bus cycle.
CKIO
A
RD/
WR
RD/
WR
D
CSn
T1
T2
RD
WEn(BEn)
BS
D
Read
Write
Figure 7.3 Normal Space Basic Access Timing (No-Wait Access)
There is no output signal which informs external devices of the access size when reading.
Although the least significant bit of the address indicates the correct address when the access
starts, 16-bit data is always read from a 16-bit device. When writing, only the
WEn (BEn) signal
for the byte to be written to is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com