Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 147Page - Renesas Technology Corp HD6417618A Datasheet HTML 148Page - Renesas Technology Corp HD6417618A Datasheet HTML 149Page - Renesas Technology Corp HD6417618A Datasheet HTML 150Page - Renesas Technology Corp HD6417618A Datasheet HTML 151Page - Renesas Technology Corp HD6417618A Datasheet HTML 152Page - Renesas Technology Corp HD6417618A Datasheet HTML 153Page - Renesas Technology Corp HD6417618A Datasheet HTML 154Page - Renesas Technology Corp HD6417618A Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 119 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
10
9
BSZ1
BSZ0
1*
1*
R/W
R/W
Data Bus Size
Specify the data bus width of each area.
00: Reserved (setting prohibited)
01: 8 bits
10: 16 bits
11: Reserved (setting prohibited)
Notes: 1. The data bus width for area 0 is specified by
the external pin. These bits are ignored.
2. When area 5 or 6 is specified as PCMCIA
space, the bus width can be specified as
either 8 bits or 16 bits.
3. If area 3 is specified as SDRAM space, the
bus width must be specified as 16 bits.
4. These bits must be specified to either 01 or
11 before accessing to memory in other than
area 0.
8 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
*
CS0BCR fetches the external pin state (MD3) that specify the bus width at a power-on
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com