Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 125Page - Renesas Technology Corp HD6417618A Datasheet HTML 126Page - Renesas Technology Corp HD6417618A Datasheet HTML 127Page - Renesas Technology Corp HD6417618A Datasheet HTML 128Page - Renesas Technology Corp HD6417618A Datasheet HTML 129Page - Renesas Technology Corp HD6417618A Datasheet HTML 130Page - Renesas Technology Corp HD6417618A Datasheet HTML 131Page - Renesas Technology Corp HD6417618A Datasheet HTML 132Page - Renesas Technology Corp HD6417618A Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 97 of 610
REJ09B0131-0600
6.4.2
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are interrupts generated by the following on-chip peripheral
modules.
Since a different interrupt vector is allocated to each interrupt source, the exception handling
routine does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can
be allocated to individual on-chip peripheral modules in interrupt priority registers C to E (IPRC
to IPRE). On-chip peripheral module interrupt exception handling sets the interrupt mask level
bits (I3 to I0) in the status register (SR) to the priority level value of the on-chip peripheral module
interrupt that was accepted.
6.4.3
User Break Interrupt
A user break interrupt has a priority level of 15, and occurs when the break condition set in the
user break controller (UBC) is satisfied. User break interrupt requests are detected by edge and are
held until accepted. User break interrupt exception handling sets the interrupt mask level bits (I3 to
I0) in the status register (SR) to level 15. For more details on the user break interrupt, see section
18, User Break Controller (UBC).
6.4.4
H-UDI Interrupt
User debugging interface (H-UDI) interrupt has a priority level of 15, and occurs when an H-UDI
interrupt instruction is serially input. H-UDI interrupt requests are detected by edge and are held
until accepted. H-UDI exception handling sets the interrupt mask level bits (I3-I0) in the status
register (SR) to level 15. For more details on the H-UDI interrupt, see section 19, User Debugging
Interface (H-UDI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com