Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 485Page - Renesas Technology Corp HD6417618A Datasheet HTML 486Page - Renesas Technology Corp HD6417618A Datasheet HTML 487Page - Renesas Technology Corp HD6417618A Datasheet HTML 488Page - Renesas Technology Corp HD6417618A Datasheet HTML 489Page - Renesas Technology Corp HD6417618A Datasheet HTML 490Page - Renesas Technology Corp HD6417618A Datasheet HTML 491Page - Renesas Technology Corp HD6417618A Datasheet HTML 492Page - Renesas Technology Corp HD6417618A Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 646 page
background image
Section 17 I/O Ports
Rev. 6.00 Jun. 12, 2007 Page 457 of 610
REJ09B0131-0600
Section 17 I/O Ports
This LSI has 26 ports (ports A, B, C, D, and E). Port A, port B, port C, port D, and port E are 10-
bit, 14-bit, 21-bit, 8-bit, and 25-bit I/O port, respectively. The pins of each port are multiplexed
with other functions. The pin function controller (PFC) handles the selection of multiplex pin
functions. Each port has a data register to store data of pin.
17.1
Port A
Port A of this LSI is an I/O port with ten pins as shown in figure 17.1.
PA16 (input/output)/A16 (output)
PA17 (input/output)/A17 (output)
PA18 (input/output)/A18 (output)
PA19 (input/output)/A19 (output)
PA20 (input/output)/A20 (output)
PA21 (input/output)/A21 (output)
PA22 (input/output)/A22 (output)
PA23 (input/output)/A23 (output)
PA24 (input/output)/A24 (output)
PA25 (input/output)/A25 (output)
Port A
Figure 17.1 Port A
17.1.1
Register Description
Port A is a 10-bit I/O port that has a following register. For details on the address of this register
and the states of this register in each processing state, see section 20, List of Registers.
• Port A data register H (PADRH)
17.1.2
Port A Data Register H (PADRH)
PADRH is a 16-bit readable/writable register which stores data for port A. Bits PA25DR to
PA16DR correspond to pins PA25 to PA16. (Description of multiplexed functions is omitted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com