| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 453 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 453 Page - Renesas Technology Corp |
|
453 / 646 page ![]() Section 15 Host Interface (HIF) Rev. 6.00 Jun. 12, 2007 Page 421 of 610 REJ09B0131-0600 LSI Status Reset State by RES Pin Reset Canceled by RES Pin HIFMD input level High (Boot setting) Low (Non-boot setting) High (After the reset canceled by boot setting) Low (After the reset canceled by non-boot setting) HIFEBL input level Low High The HIFEBL pin is a general input port and the HIF is not controlled by the signal input on this pin. Low High General input port at the initial state * 1 HIFWR input control Input buffer: Off Input buffer: Off General input port Input buffer: Off Input buffer: On General input port at the initial state* 2 HIFRD input control Input buffer: Off Input buffer: Off General input port Input buffer: Off Input buffer: On General input port at the initial state* 2 Notes: 1. The pin also functions as an HIFEBL pin by setting the PFC registers. 2. The pin also functions as an HIF pin by setting the PFC registers. When the HIF pin function is selected for the HIFEBL pin and this pin by setting the PFC registers, the input and/or output buffers are controlled according to the HIFEBL pin state. When the HIF pin function is not selected for the HIFEBL pin and is selected for this pin by setting the PFC registers, the input and/or output buffers are always turned off. This setting is prohibited. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |