Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 341Page - Renesas Technology Corp HD6417618A Datasheet HTML 342Page - Renesas Technology Corp HD6417618A Datasheet HTML 343Page - Renesas Technology Corp HD6417618A Datasheet HTML 344Page - Renesas Technology Corp HD6417618A Datasheet HTML 345Page - Renesas Technology Corp HD6417618A Datasheet HTML 346Page - Renesas Technology Corp HD6417618A Datasheet HTML 347Page - Renesas Technology Corp HD6417618A Datasheet HTML 348Page - Renesas Technology Corp HD6417618A Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 313 of 610
REJ09B0131-0600
Notes: 1. The specified constant period is the timeout period mentioned in section 12.4.1, Usage Notes on SH-Ether EtherC/E-DMAC Status Register
(EESR).
2. Set n with reference to the maximum specified time values in table 12.2.
: Processing added as the countermeasure for the problem
Yes
Yes
Yes
Next transmission task
generated?
TACT = 0?
1.
2.
3.
4.
5.
5.
4.
6.
7.
8.
No
No
Yes
No
No
Yes
No
Prepare multiple transmit descriptors.
Transmission starts.
Transmission task
End
After setting the transmit descriptor,
set the TR bit in EDTRR to 1.
Read the TACT bit of the
corresponding transmit descriptor.
After setting the corresponding transmit
descriptor, set the TR bit in EDTRR to 1.
Call an OS service routine with
a timeout function to place the
transmission task in a waiting state.
Has the transmission task
left the waiting state within
he constant specified time?
i = 0;
Timeout
Read the TACT bit of the
corresponding transmit
descriptor.
i < n?
TACT = 0?
i++;
*2
*1
No
No
Yes
Yes
Interrupt handler
TC interrupt?
Interrupt other than TC?
Save EESR and clear the bit
by writing 1.
Generation of EtherC/E-DMAC
interrupt
End
Make an OS service call to bring the
transmission task out of the waiting state.
Interrupt processing for interrupts
other than TC
Issue a software reset to
initialize the EtherC and
E-DMAC modules.
Make initial settings of the
EtherC and E-DMAC modules.
Initialize the transmit/receive
descriptors and transmit/receive
buffers.
Figure 12.13 Countermeasure for the Case with TC Interrupt-Driven Software: Addition of
Timeout Processing within the Limit Imposed by the Maximum Specified Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com