Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 303Page - Renesas Technology Corp R8C/20 Datasheet HTML 304Page - Renesas Technology Corp R8C/20 Datasheet HTML 305Page - Renesas Technology Corp R8C/20 Datasheet HTML 306Page - Renesas Technology Corp R8C/20 Datasheet HTML 307Page - Renesas Technology Corp R8C/20 Datasheet HTML 308Page - Renesas Technology Corp R8C/20 Datasheet HTML 309Page - Renesas Technology Corp R8C/20 Datasheet HTML 310Page - Renesas Technology Corp R8C/20 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 291 of 458
REJ09B0250-0200
Figure 16.8
Registers SSTDR and SSRDR
Figure 16.9
PMR Register
SS Transmit Data Register
Symbol
Address
After Reset
SSTDR
00BEh
FFh
RW
RW
Function
Store the transmit data.
The stored transmit data is transferred to the SSTRSR register and the transmit is started
w hen detecting the SSTRSR register is empty.
When the next transmit data is w ritten to the SSTDR register during the data transmit from the
SSTRSR register, the data can be transmitted continuously.(1)
When the MLS bit in the SSMR register is set to 1 (transfer data w ith LSB-first), the data in
w hich MSB and LSB are reversed can be read, after w riting to the SSTDR register.
b0
b7
SS Receive Data Register
Symbol
Address
After Reset
SSRDR
00BFh
FFh
RW
NOTE:
1. The SSRDR register maintains the receive data before the overrun error occurs w hen the ORER bit in the SSSR
register is set to 1 (overrun error occurs). When an overrun error occurs, the receive data may contain errors and
therefore, should be discarded.
Store the receive data.(1)
The receive data is transferred to the SSRDR register and the receive operation is completed
w hen receiving 1-byte data to the SSTRSR register. At this time, the follow ing receive is
possible. The continuous receive is possible by the SSTRSR and SSRDR registers.
RO
Function
b7
b0
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
IICSEL
RW
0 : SSU function selects
1 : I2C bus function selects
Set to 0
0 : I/O port P6_6, P6_7
1 : TXD1, RXD1
Set to 0
—
Reserved bits
SSU/I2C bus sw itch bit
RW
b0
0
—
Reserved bits
U1PINSEL
Port TXD1/RXD1 sw itch bit
—
(b3-b0)
—
(b6-b5)
b3 b2
0
b1
0
0
b7 b6 b5 b4
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com