Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 306Page - Renesas Technology Corp R8C/20 Datasheet HTML 307Page - Renesas Technology Corp R8C/20 Datasheet HTML 308Page - Renesas Technology Corp R8C/20 Datasheet HTML 309Page - Renesas Technology Corp R8C/20 Datasheet HTML 310Page - Renesas Technology Corp R8C/20 Datasheet HTML 311Page - Renesas Technology Corp R8C/20 Datasheet HTML 312Page - Renesas Technology Corp R8C/20 Datasheet HTML 313Page - Renesas Technology Corp R8C/20 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 294 of 458
REJ09B0250-0200
16.2.2
SS Shift Register (SSTRSR)
The SSTRSR register is the shift register to transmit and receive the serial data.
When the transmit data is transferred from the SSTDR register to the SSTRSR register and the MLS bit in the
SSMR register is set to 0 (MSB-first), the bit 0 in the SSTDR register is transferred to the bit 0 in the SSTRSR
register. When the MLS bit is set to 1 (LSB-first), the bit 7 in the SSTDR register is transferred to the bit 0 in the
SSTRSR register.
16.2.2.1
Association between Data I/O Pins and SS Shift Register
Connecting association between the data I/O pin and SSTRSR register (SS shift register) changes according to
a combination of the MSS bit in the SSCRH register and the SSUMS bit in the SSMR2 register. Also,
connecting association changes according to the BIDE bit in the SSMR2 register.
Figure 16.11 shows an Association between Data I/O Pins and SSTRSR Register.
Figure 16.11
Association between Data I/O Pins and SSTRSR Register
SSTRSR Register
SSO
SSI
• When SSUMS bit = 0
(clock synchronous communication mode)
SSTRSR Register
SSO
SSI
• When SSUMS bit = 1 (4-wire bus communication
mode), BIDE bit = 0 (standard mode) and MSS bit = 0
(operates as slave device)
SSTRSR Register
SSO
SSI
• When SSUMS bit = 1 (4-wire bus communication mode),
BIDE bit = 0 (standard mode) and MSS bit = 1 (operates
as master device)
SSTRSR Register
SSO
SSI
• When SSUMS bit = 1 (4-wire bus communication mode),
BIDE bit = 1 (bidirectional mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com