Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 92Page - Renesas Technology Corp R8C/20 Datasheet HTML 93Page - Renesas Technology Corp R8C/20 Datasheet HTML 94Page - Renesas Technology Corp R8C/20 Datasheet HTML 95Page - Renesas Technology Corp R8C/20 Datasheet HTML 96Page - Renesas Technology Corp R8C/20 Datasheet HTML 97Page - Renesas Technology Corp R8C/20 Datasheet HTML 98Page - Renesas Technology Corp R8C/20 Datasheet HTML 99Page - Renesas Technology Corp R8C/20 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 501 page
background image
R8C/20 Group, R8C/21 Group
10. Clock Generation Circuit
Rev.2.00 Aug 27, 2008
Page 80 of 458
REJ09B0250-0200
Figure 10.11
Time from Stop Mode to Interrupt Routine Execution
Time until Flash Memory is
Activated (T2)
Time until CPU Clock is
Supplied (T3)
Time for Interrupt
Sequence (T4)
Remarks
0
(flash memory
operates)
Period of system clock
× 12 cycles + 30 µs (max.)
Period of CPU clock
× 6 cycles
Period of CPU clock
× 20 cycles
Following total
time of T0 to T4 is
the time from wait
mode until an
interrupt routine is
executed.
1
(flash memory
stops)
Period of system clock
× 12 cycles
Same as above
Same as above
Stop
mode
Flash memory activation
sequence
CPU clock restart
sequence
Interrupt sequence
T2
T3
T4
Interrupt
request
generated
Oscillation period of the CPU
clock source used immediately
before stop mode
T1
Internal
power
stability time
150
µs
(max.)
T0
FMR0 Register
FMSTP Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com