Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 73Page - Renesas Technology Corp R8C/20 Datasheet HTML 74Page - Renesas Technology Corp R8C/20 Datasheet HTML 75Page - Renesas Technology Corp R8C/20 Datasheet HTML 76Page - Renesas Technology Corp R8C/20 Datasheet HTML 77Page - Renesas Technology Corp R8C/20 Datasheet HTML 78Page - Renesas Technology Corp R8C/20 Datasheet HTML 79Page - Renesas Technology Corp R8C/20 Datasheet HTML 80Page - Renesas Technology Corp R8C/20 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 501 page
background image
R8C/20 Group, R8C/21 Group
7. Programmable I/O Ports
Rev.2.00 Aug 27, 2008
Page 61 of 458
REJ09B0250-0200
7.5
Unassigned Pin Handling
Table 7.48 lists Unassigned Pin Handling.
NOTES:
1. If these ports are set to output mode and left open, they remain input mode until they are switched to
output mode by a program. The voltage level of these pins may be undefined and the power current
may increase while the ports remain input mode.
The content of the direction registers may change due to noise or program runaway caused by
noise. In order to enhance program reliability, the program should periodically repeat the setting of
the direction registers.
2. Connect these unassigned pins to the MCU using the shortest wire length (2 cm or less) as
possible.
3. When power-on reset function is in use.
Figure 7.13
Unassigned Pin Handling
Table 7.48
Unassigned Pin Handling
Pin Name
Connection
Ports P0 to P2, P3_0,
P3_1, P3_3 to P3_7,
P4_3 to P4_5, P6
• After setting to input mode, connect every pin to VSS via a resistor (pull-
down) or connect every pin to VCC via a resistor (pull-up).(2)
• After setting to output mode, leave these pins open.(1, 2)
Ports P4_6, P4_7
Connect to VCC via a resistor (pull-up)(2)
Port P4_2/VREF
Connect to VCC
RESET(3)
Connect to VCC via a resistor (pull-up)(2)
MCU
Port P0 to P2, P3_0,
P3_1, P3_3 to P3_7,
P4_3 to P4_5, P6
(Input mode )
:
:
(Input mode)
(Output mode)
Port P4_6, P4_7
RESET(1)
Port P4_2/VREF
:
:
Open
NOTE:
1. When power-on reset function is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com