Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 33Page - Renesas Technology Corp R8C/20 Datasheet HTML 34Page - Renesas Technology Corp R8C/20 Datasheet HTML 35Page - Renesas Technology Corp R8C/20 Datasheet HTML 36Page - Renesas Technology Corp R8C/20 Datasheet HTML 37Page - Renesas Technology Corp R8C/20 Datasheet HTML 38Page - Renesas Technology Corp R8C/20 Datasheet HTML 39Page - Renesas Technology Corp R8C/20 Datasheet HTML 40Page - Renesas Technology Corp R8C/20 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 501 page
background image
R8C/20 Group, R8C/21 Group
5. Resets
Rev.2.00 Aug 27, 2008
Page 21 of 458
REJ09B0250-0200
5.
Resets
There are resets: hardware reset, power-on reset, voltage monitor 1 reset, voltage monitor 2 reset, watchdog timer
reset, and software reset.
Table 5.1 lists the Reset Names and Sources.
NOTE:
1. Because this product is under development, specifications may be changed.
Figure 5.1
Block Diagram of Reset Circuit
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
Input voltage of RESET pin is held “L”
Power-on reset(1)
VCC rises
Voltage monitor 1 reset(1)
VCC falls (monitor voltage: Vdet1)
Voltage monitor 2 reset(1)
VCC falls (monitor voltage: Vdet2)
Watchdog timer reset
Underflow of watchdog timer
Software reset
Write 1 to PM03 bit in PM0 register
RESET
Voltage monitor
1 reset
SFR
VCA26,
VW1C0 and
VW1C6 bits
SFR
VCA13, VCA27,
VW1C1,
VW1F0, VW1F1, VW1C7,
VW2C2 and VW2C3 bits
Pin, CPU and
SFR bits other than
those listed above
VCC
Hardware reset
Voltage monitor
2 reset
Watchdog timer
reset
Software reset
VCA13: Bit in VCA1 register
VCA26, VCA27: Bits in VCA2 register
VW1C0, VW1C1, VW1F0, VW1F1, VW1C6, VW1C7: Bits in VW1C register
VW2C2, VW2C3 bits: Bits in VW2C register
Voltage
detection
circuit
Watchdog
timer
CPU
Power-on reset
circuit
Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com