Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 12Page - Renesas Technology Corp R8C/20 Datasheet HTML 13Page - Renesas Technology Corp R8C/20 Datasheet HTML 14Page - Renesas Technology Corp R8C/20 Datasheet HTML 15Page - Renesas Technology Corp R8C/20 Datasheet HTML 16Page - Renesas Technology Corp R8C/20 Datasheet HTML 17Page - Renesas Technology Corp R8C/20 Datasheet HTML 18Page - Renesas Technology Corp R8C/20 Datasheet HTML 19Page - Renesas Technology Corp R8C/20 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 501 page
background image
B - 3
NOTE:
1.
Blank columns are all reserved space. No access is allowed.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
121
0101h
Timer RA I/O Control Register
TRAIOC
121, 124, 127,
129, 131, 134
0102h
Timer RA Mode Register
TRAMR
122
0103h
Timer RA Prescaler Register
TRAPRE
122
0104h
Timer RA Register
TRA
123
0105h
0106h
LIN Control Register
LINCR
347
0107h
LIN Status Register
LINST
348
0108h
Timer RB Control Register
TRBCR
138
0109h
Timer RB One-Shot Control Register
TRBOCR
138
010Ah
Timer RB I/O Control Register
TRBIOC
139, 141, 145,
148, 153
010Bh
Timer RB Mode Register
TRBMR
139
010Ch
Timer RB Prescaler Register
TRBPRE
140
010Dh
Timer RB Secondary Register
TRBSC
140
010Eh
Timer RB Primary
TRBPR
140
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Counter Data Register
TRESEC
260
0119h
Timer RE Compare Data Register
TREMIN
260
011Ah
011Bh
011Ch
Timer RE Control Register 1
TRECR1
261
011Dh
Timer RE Control Register 2
TRECR2
261
011Eh
Timer RE Count Source Select Register
TRECSR
262
011Fh
0130h
0131h
0132h
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
172, 186, 202,
215, 225, 239
0138h
Timer RD Mode Register
TRDMR
172, 186, 203,
216, 226, 240
0139h
Timer RD PWM Mode Register
TRDPMR
173, 187, 203
013Ah
Timer RD Function Control Register
TRDFCR
174, 188, 204,
216, 227, 240
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
189, 205, 217,
228, 241
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
189, 205, 217,
228, 241
013Dh
Timer RD Output Control Register
TRDOCR
190, 206, 242
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
175
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
175
Address
Register
Symbol
Page
0140h
Timer RD Control Register 0
TRDCR0
176, 191, 206,
218, 229, 243
0141h
Timer RD I/O Control Register A0
TRDIORA0
177, 192
0142h
Timer RD I/O Control Register C0
TRDIORC0
178, 193
0143h
Timer RD Status Register 0
TRDSR0
179, 194, 207,
219, 230, 244
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
180, 195, 208,
220, 231, 245
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
209
0146h
Timer RD Counter 0
TRD0
180, 195, 209,
220, 232, 245
0147h
0148h
Timer RD General Register A0
TRDGRA0
181, 196, 210,
221, 232, 246
0149h
014Ah
Timer RD General Register B0
TRDGRB0
181, 196, 210,
221, 232, 246
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
181, 196, 210,
221, 246
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
181, 196, 210,
221, 232, 246
014Fh
0150h
Timer RD Control Register 1
TRDCR1
176, 191, 206,
229
0151h
Timer RD I/O Control Register A1
TRDIORA1
177, 192
0152h
Timer RD I/O Control Register C1
TRDIORC1
178, 193
0153h
Timer RD Status Register 1
TRDSR1
179, 194, 207,
219, 230, 244
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
180, 195, 208,
220, 231, 245
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
209
0156h
Timer RD Counter 1
TRD1
180, 195, 209,
232
0157h
0158h
Timer RD General Register A1
TRDGRA1
181, 196, 210,
221, 232, 246
0159h
015Ah
Timer RD General Register B1
TRDGRB1
181, 196, 210,
221, 232, 246
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
181, 196, 210,
221, 232, 246
015Dh
,
015Eh
Timer RD General Register D1
TRDGRD1
181, 196, 210,
221, 232, 246
015Fh
01B0h
01B1h
01B2h
01B3h
Flash Memory Control Register 4
FMR4
388
01B4h
01B5h
Flash Memory Control Register 1
FMR1
387
01B6h
01B7h
Flash Memory Control Register 0
FMR0
386
01B8h
01B9h
01BAh
01BBh
FFFFh
Option Function Select Register
OFS
23, 114, 381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com