Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 86Page - Renesas Technology Corp R8C/20 Datasheet HTML 87Page - Renesas Technology Corp R8C/20 Datasheet HTML 88Page - Renesas Technology Corp R8C/20 Datasheet HTML 89Page - Renesas Technology Corp R8C/20 Datasheet HTML 90Page - Renesas Technology Corp R8C/20 Datasheet HTML 91Page - Renesas Technology Corp R8C/20 Datasheet HTML 92Page - Renesas Technology Corp R8C/20 Datasheet HTML 93Page - Renesas Technology Corp R8C/20 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 501 page
background image
R8C/20 Group, R8C/21 Group
10. Clock Generation Circuit
Rev.2.00 Aug 27, 2008
Page 74 of 458
REJ09B0250-0200
10.4
Power Control
There are three power control modes. All modes other than wait and stop modes are referred to as standard
operating mode.
10.4.1
Standard Operating Mode
Standard operating mode is further separated into three modes.
In standard operating mode, the CPU clock and the peripheral function clock are supplied to operate the CPU
and the peripheral function clocks. Power consumption control is enabled by controlling the CPU clock
frequency. The higher the CPU clock frequency, the more processing power increases. The lower the CPU
clock frequency, the more power consumption decreases. When unnecessary oscillator circuits stop, power
consumption is further reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source after switching needs to
be stabilized and oscillated. If the new clock source is the XIN clock, allow sufficient wait time in a program
until an oscillation is stabilized before exiting.
−: can be 0 or 1, no change in outcome.
10.4.1.1
High-Speed Clock Mode
The XIN clock divided-by-1 (no division), -2, -4, -8, or -16 provides the CPU clock. Set the CM06 bit to 1
(divide-by-8 mode) when transiting to high-speed on-chip oscillator mode, low-speed on-chip oscillator mode.
If the CM14 bit is set to 0 (low-speed on-chip oscillator on) or the FRA00 bit in the FRA0 register is set to 1
(high-speed on-chip oscillator on), the fOCO can be used for timers RA.
When the FRA00 bit is set to 1, fOCO40M can be used for timer RD.
When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the watchdog timer
and voltage detection circuit.
10.4.1.2
High-Speed On-Chip Oscillator Mode
The high-speed on-chip oscillator is used as the on-chip oscillator clock when the FRA00 bit in the FRA0
register is set to 1 (high-speed on-chip oscillator on) and the FRA01 bit in the FRA0 register is set to 1. The on-
chip oscillator divided-by-1 (no division), -2, -4, -8 or -16 provides the CPU clock. Set the CM06 bit to 1
(divide-by-8) when transiting to high-speed clock mode.
If the FRA00 bit is set to 1, fOCO40M can be used for timer RD.
When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the watchdog timer
and voltage detection circuit.
Table 10.2
Settings and Modes of Clock Associated Bits
Modes
OCD Register
CM1 Register
CM0 Register
FRA0 Register
OCD2
CM17, CM16
CM14
CM13
CM06
CM05
FRA01
FRA00
High-speed
clock mode
No division
0
00b
−
10
0
−−
Divide-by-2
0
01b
−
10
0
−−
Divide-by-4
0
10b
−
10
0
−−
Divide-by-8
0
−−
11
0
−−
Divide-by-16
0
11b
−
10
0
−−
High-speed
on-chip
oscillator
mode
No division
1
00b
−−
0
−
11
Divide-by-2
1
01b
−−
0
−
11
Divide-by-4
1
10b
−−
0
−
11
Divide-by-8
1
−−
−
1
−
11
Divide-by-16
1
11b
−−
0
−
11
Low-speed
on-chip
oscillator
mode
No division
1
00b
0
−
0
−
0
−
Divide-by-2
1
01b
0
−
0
−
0
−
Divide-by-4
1
10b
0
−
0
−
0
−
Divide-by-8
1
−
0
−
1
−
0
−
Divide-by-16
1
11b
0
−
0
−
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com