Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 309Page - Renesas Technology Corp R8C/20 Datasheet HTML 310Page - Renesas Technology Corp R8C/20 Datasheet HTML 311Page - Renesas Technology Corp R8C/20 Datasheet HTML 312Page - Renesas Technology Corp R8C/20 Datasheet HTML 313Page - Renesas Technology Corp R8C/20 Datasheet HTML 314Page - Renesas Technology Corp R8C/20 Datasheet HTML 315Page - Renesas Technology Corp R8C/20 Datasheet HTML 316Page - Renesas Technology Corp R8C/20 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 297 of 458
REJ09B0250-0200
16.2.5
Clock Synchronous Communication Mode
16.2.5.1
Initialization in Clock Synchronous Communication Mode
Figure 16.12 shows an Initialization in Clock Synchronous Communication Mode. Set the TE bit in the SSER
register to 0 (disables transmit) and the RE bit to 0 (disables receive) before data transmit / receive as an
initialization.
When communication mode and format are changed, set the TE bit to 0 and the RE bit to 0 before changing.
Setting the RE bit to 0 does not change the contents of the RDRF and ORER flags, and the contents of the
SSRDR register.
Figure 16.12
Initialization in Clock Synchronous Communication Mode
Start
SSMR2 register
SSUMS bit
← 0
SSCRH register
Set CKS0 to CKS2 bits
Set RSSTP bit
SSSR register
ORER bit
← 0(1)
SSER register
RE bit
← 1 (When receive)
TE bit
← 1 (When transmit)
Set RIE, TEIE and TIE bits
End
NOTE:
1. Write 0 after reading 1 to set the ORER bit to 0.
SSER register
RE bit
← 0
TE bit
← 0
SSMR2 register
SCKS bit
← 1
Set SOOS bit
SSCRH register
Set MSS bit
SSMR register
CPHS bit
← 0
CPOS bit
← 0
Set MLS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com